Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1192A Datasheet (PDF) - Belden Inc.

1192A Datasheet PDF - Belden Inc.
Part # 1192A
Download  1192A Download
File Size   101.4 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Multi-Conductor

1192A Datasheet (PDF)

Go To PDF Page Download Datasheet
1192A Datasheet PDF - Belden Inc.

Part # 1192A
Download  1192A Click to download

File Size   101.4 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Multi-Conductor

1192A Datasheet (HTML) - Belden Inc.




Similar Part No. - 1192A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1192A ETC2-1192A Datasheet
30Kb / 3P
24 AWG stranded (42x40) high-conductivity bare copper conductors, polyethylene insulation, tinned copper braid shield
1192AB59100 ETC2-1192AB59100 Datasheet
30Kb / 3P
24 AWG stranded (42x40) high-conductivity bare copper conductors, polyethylene insulation, tinned copper braid shield
1192AB591000 ETC2-1192AB591000 Datasheet
30Kb / 3P
24 AWG stranded (42x40) high-conductivity bare copper conductors, polyethylene insulation, tinned copper braid shield
1192AB59500 ETC2-1192AB59500 Datasheet
30Kb / 3P
24 AWG stranded (42x40) high-conductivity bare copper conductors, polyethylene insulation, tinned copper braid shield
1192AG7V1000 ETC2-1192AG7V1000 Datasheet
30Kb / 3P
24 AWG stranded (42x40) high-conductivity bare copper conductors, polyethylene insulation, tinned copper braid shield
More results


Similar Description - 1192A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5102UE ETC2-5102UE Datasheet
95Kb / 2P
Multi-Conductor - Commercial Applications
logo
Belden Inc.
23509 BELDEN-23509 Datasheet
109Kb / 2P
23509 Multi-Conductor - 300V ACIC Armored Cable
11-09-2012
23527 BELDEN-23527 Datasheet
109Kb / 2P
23509 Multi-Conductor - 300V ACIC Armored Cable
OSP6AU BELDEN-OSP6AU Datasheet
256Kb / 3P
Multi-Conductor - Category 6A Outside Plant Cable
773105T BELDEN-773105T Datasheet
100Kb / 3P
Multi-Conductor - EIA Industrial RS-485 PLTC/CMG
1502P BELDEN-1502P Datasheet
101Kb / 3P
Multi-Conductor
1502SB BELDEN-1502SB Datasheet
105Kb / 3P
Multi-Conductor
1503A BELDEN-1503A Datasheet
100Kb / 3P
Multi-Conductor
8412 BELDEN-8412 Datasheet
98Kb / 2P
8412 Multi-Conductor - Two-Conductor, Low-Impedance Cable
01-05-2017
8451 BELDEN-8451_V01 Datasheet
99Kb / 3P
8451 Multi-Conductor - Single-Pair Cable
08-26-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com