Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC994A Datasheet (PDF) - Analog Devices

HMC994A Datasheet PDF - Analog Devices
Part # HMC994A
Download  HMC994A Download
File Size   835.48 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs pHEMT MMIC 0.5 WATT POWER AMPLIFIER, DC - 30 GHz

HMC994A Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC994A Datasheet PDF - Analog Devices

Part # HMC994A
Download  HMC994A Click to download

File Size   835.48 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs pHEMT MMIC 0.5 WATT POWER AMPLIFIER, DC - 30 GHz

HMC994A Datasheet (HTML) - Analog Devices




Similar Part No. - HMC994A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC994APM5E AD-HMC994APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC POWER AMPLIFIER
More results


Similar Description - HMC994A

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC619 HITTITE-HMC619 Datasheet
305Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC994 HITTITE-HMC994 Datasheet
587Kb / 10P
GaAs pHEMT MMIC 0.5 WATT POWER AMPLIFIER, DC - 32 GHz
HMC619LP5 HITTITE-HMC619LP5 Datasheet
279Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC797 HITTITE-HMC797 Datasheet
590Kb / 10P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC797LP5E HITTITE-HMC797LP5E Datasheet
570Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC994_1110 HITTITE-HMC994_1110 Datasheet
619Kb / 10P
GaAs pHEMT MMIC 0.5 WATT POWER AMPLIFIER, DC - 30 GHz
HMC1022 HITTITE-HMC1022 Datasheet
683Kb / 10P
GaAs pHEMT MMIC 0.25 WATT POWER AMPLIFIER, DC - 48 GHz
logo
Analog Devices
HMC1022A AD-HMC1022A Datasheet
807Kb / 3P
GaAs pHEMT MMIC 0.25 WATT POWER AMPLIFIER, DC
HMC5805ALS6 AD-HMC5805ALS6 Datasheet
955Kb / 10P
GaAs pHEMT MMIC 0.25 WATT POWER AMPLIFIER DC
HMC797A AD-HMC797A Datasheet
834Kb / 16P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com