Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02CZ Datasheet (PDF) - Analog Devices

REF02CZ Datasheet PDF - Analog Devices
Part # REF02CZ
Download  REF02CZ Download
File Size   454.07 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V Precision Voltage Reference/Temperature Transducer

REF02CZ Datasheet (PDF)

Go To PDF Page Download Datasheet
REF02CZ Datasheet PDF - Analog Devices

Part # REF02CZ
Download  REF02CZ Click to download

File Size   454.07 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V Precision Voltage Reference/Temperature Transducer

REF02CZ Datasheet (HTML) - Analog Devices


REF02CZ Product details

GENERAL DESCRIPTION
The REF02 precision voltage reference providesa stable5 V output that can be adjustedover a ±6% range with minimal effect on temperature stability. Single-supply operation over an input voltage range of7 V to40 V,low current drain of1 mA, and excellent temperature stability are achieved with an improved band gap design. Low cost, low noise,and low power make the REF02 anexcellent choice when ever a stable voltage reference is required. Applications include DACs and ADCs, portable instrumentation, and digital volt meters. The versatility ofthe REF02 is enhanced byits use as a monolithic temperature transducer. For new designs, refer to the ADR02.

FEATURES
   5 V output: ±0.3% maximum
   Temperature voltage output: 1.96 mV/°C
   Adjustmentrange: ±3%minimum
   Excellent temperature stability: 8.5 ppm/°C maximum
   Low noise: 15µV p-p maximum
   Low supply current: 1.4 mA maximum
   Wide input voltage range: 7 V to 40 V
   Highload-drivingcapability: 10 mA
   No external components
   Short-circuit proof




Similar Part No. - REF02CZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF02CZ AD-REF02CZ Datasheet
337Kb / 8P
5V Precision Voltage Reference/Temperature Trangsducer
logo
Maxim Integrated Produc...
REF02CZ MAXIM-REF02CZ Datasheet
251Kb / 8P
5V, 10V Precision Voltage References
logo
Analog Devices
REF02CZ AD-REF02CZ Datasheet
584Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
12/05-Rev. H to Rev. I
More results


Similar Description - REF02CZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD586 AD-AD586 Datasheet
203Kb / 8P
High Precision 5 V Reference
REF-02 AD-REF-02 Datasheet
337Kb / 8P
5V Precision Voltage Reference/Temperature Trangsducer
REF01 AD-REF01 Datasheet
384Kb / 12P
10 V Precision Voltage Reference
10/02-Data Sheet changed from REV. B to REV. C.
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Analog Devices
REF02 AD-REF02_05 Datasheet
584Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
12/05-Rev. H to Rev. I
REF01 AD-REF01_05 Datasheet
339Kb / 12P
10 V Precision Voltage Reference
Rev. H
logo
Maxim Integrated Produc...
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Analog Devices
AD586 AD-AD586_05 Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
5962-8982401PA AD-5962-8982401PA Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
AD586 AD-AD586_15 Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com