Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02CZ Datasheet(PDF) 2 Page - Analog Devices

Part # REF02CZ
Description  5 V Precision Voltage Reference/Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02CZ Datasheet(HTML) 2 Page - Analog Devices

  REF02CZ Datasheet HTML 1Page - Analog Devices REF02CZ Datasheet HTML 2Page - Analog Devices REF02CZ Datasheet HTML 3Page - Analog Devices REF02CZ Datasheet HTML 4Page - Analog Devices REF02CZ Datasheet HTML 5Page - Analog Devices REF02CZ Datasheet HTML 6Page - Analog Devices REF02CZ Datasheet HTML 7Page - Analog Devices REF02CZ Datasheet HTML 8Page - Analog Devices REF02CZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REF02
Rev. F | Page 2 of 16
TABLE OF CONTENTS
Specifications..................................................................................... 3
Electrical Specifications............................................................... 3
Electrical Specifications............................................................... 4
Electrical Specifications............................................................... 5
Electrical Specifications............................................................... 6
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Typical Performance Characteristics ............................................. 8
Output Adjustment ........................................................................ 10
Temperature Monitoring........................................................... 10
Reference Stack with Excellent Line Regulation .................... 11
Precision Current Source .......................................................... 11
Supply Bypassing ........................................................................ 12
Outline Dimensions ....................................................................... 13
Outline Dimensions ....................................................................... 14
Ordering Guide .......................................................................... 15
REVISION HISTORY
7/04
—Data Sheet Changed from Rev. E to Rev. F
Updated Format..................................................................Universal
Changes to Simplified Schematic ................................................... 1
Changes to Specifications ................................................................ 3
Changes to Specifications ................................................................ 4
Changes to Specifications ................................................................ 5
Changes to Specifications ................................................................ 6
Changes to Figure 18...................................................................... 10
Changes to Ordering Guide .......................................................... 15
3/04—Data Sheet Changed from Rev. D to Rev. E.
Changes to Features.......................................................................... 1
Changes to Specifications ................................................................ 2
Changes to Ordering Guide ............................................................ 4
Replaced TPCs 3 and 4 .................................................................... 5
Added Temperature Monitoring section ...................................... 7
Updated Figure 5 ............................................................................. 7
Deleted Table I .................................................................................. 7
Updated Figure 6 ............................................................................. 7
10/03—Data Sheet Changed from Rev. C to Rev. D.
Updated TPCs.....................................................................Universal
Changes to Features .........................................................................1
Changes to Electrical Specifications ..............................................2
Change to Absolute Maximum Ratings ........................................4
Changes to Ordering Guide .............................................................4
Deleted Typical Electrical Characteristics table ........................... 4
Deleted Wafer Test Limits ................................................................4
Deleted Figure 1.................................................................................4
10/02—Data Sheet Changed from Rev. B to Rev. C.
Changes to Features ..........................................................................1
Changes to General Description .....................................................1
Changes to Simplified Schematic ....................................................1
Changes to Specifications.................................................................2
Changes to Absolute Maximum Ratings .......................................5
Changes to Package Type ................................................................5
Changes to Ordering Guide .............................................................5
Updated to Outline Dimensions .................................................. 11
Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com