Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02CZ Datasheet(PDF) 11 Page - Analog Devices

Part # REF02CZ
Description  5 V Precision Voltage Reference/Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02CZ Datasheet(HTML) 11 Page - Analog Devices

Back Button REF02CZ Datasheet HTML 7Page - Analog Devices REF02CZ Datasheet HTML 8Page - Analog Devices REF02CZ Datasheet HTML 9Page - Analog Devices REF02CZ Datasheet HTML 10Page - Analog Devices REF02CZ Datasheet HTML 11Page - Analog Devices REF02CZ Datasheet HTML 12Page - Analog Devices REF02CZ Datasheet HTML 13Page - Analog Devices REF02CZ Datasheet HTML 14Page - Analog Devices REF02CZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REF02
Rev. F | Page 11 of 16
TEMP
TRIM
GND
U1
OP1177
V+
V–
15V
U2
VO
VOUT
VIN
VTEMP
1.9mV/
°C
VIN
REF02
Figure 19. Temperature Monitoring
GND
REF02
4
6
2
TEMP
3
CMP02
2
3
8
4
R6
1
7
R7
27k
Ω
R1
(9.2k
Ω)
R3
(1.3k
Ω)
R2
1.5k
Ω
R4
2.7k
Ω
R5
2.2k
Ω
V+
V–
–
+
HEATING
ELEMENT
V+ (12V TO 32V)
VIN
VO
(SEE NOTE 1)
NOTES
1. REF02 SHOULD BE THERMALLY CONNECTED
TO SUBSTANCE BEING HEATED.
2. NUMBERS IN PARENTHESES ARE FOR A
SETPOINT TEMPERATURE OF 60
°C.
3. R3 = R1 || R2 || R6
Figure 20. Temperature Controller
REFERENCE STACK WITH EXCELLENT LINE
REGULATION
GND
REF02
GND
REF02
GND
REF02
TRIM
TRIM
10k
Ω
10k
Ω
RB
6.8k
Ω
10k
Ω
2
6
5
4
2
6
5
4
2
6
5
4
15V
10V
5V
TRIM
27V TO 55V
VIN
VO
VIN
VO
VIN
VO
Figure 21. Reference Stack
PRECISION CURRENT SOURCE
A current source with 35 V output compliance and excellent
output impedance can be obtained using this circuit. REF02
keeps the line voltage and power dissipation constant in device;
the only important error consideration at room temperature is
the negative supply rejection of the op amp. The typical 3 µV/V
PSRR of the OP02E will create a 20 ppm change (3 µV/V ×
35 V/5 V) in output current over a 25 V range. For example, a
5 mA current source can be built (R = 1 kΩ) with 350 MΩ
output impedance.
Two REF01s and one REF02 can be stacked to yield 5.000 V,
15.000 V, and 25.000 V outputs. An additional advantage is
near-perfect line regulation of the 5.0 V and 15.0 V output. A 27
V to 55 V input change produces an output change that is less
than the noise voltage of the devices. A load bypass resistor
(RB) provides a path for the supply current (ISY) of the 15.000 V
regulator.
GND
REF02
GND
REF02
OP02E
C
C
R
2
2
2
6
6
7
3
4
6
4
4
+50V
–5V
IO =
5V
R
RO =
35V
20
×10–6 × 5mA
R
(TRIM FOR
CALIBRATION)
VIN
VO
VIN
VO
VO = 0V
TO 25V
1
2
In general, any number of REF01s and REF02s can be stacked
this way. For example, 10 devices will yield 10 outputs in 5 V or
10 V steps. The line voltage can change from 100 V to 130 V.
However, care must be taken to ensure that the total load
currents do not exceed the maximum usable current (typically
21 mA).
Figure 22. Precision Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com