Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7346 Datasheet (PDF) - SamHop Microelectronics Corp.

SM7346 Datasheet PDF - SamHop Microelectronics Corp.
Part # SM7346
Download  SM7346 Download
File Size   302.5 Kbytes
Page   18 Pages
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.
Description 6 CHANNELS VOLUME CONTROLLER

SM7346 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM7346 Datasheet PDF - SamHop Microelectronics Corp.

Part # SM7346
Download  SM7346 Click to download

File Size   302.5 Kbytes
Page   18 Pages
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.
Description 6 CHANNELS VOLUME CONTROLLER

SM7346 Datasheet (HTML) - SamHop Microelectronics Corp.


SM7346 Product details

GENERAL DESCRIPTION
The SM7346 is 6 channels electronic volume controlled by 3-wire serial data. The IC is suitable for use in DVD systems and AV.
   
FEATURES
* 4 Output ports
* Built-in microcomputer interface circuit controlled by 16-bit serial data.
* Electronic volume
    Volume level: 0dB~-79dB, - ∞ dB(1dB/step)
* Tone control
    Bass/Treble, 0dB~+10dB(2dB/step)
   
APPLICATIONS
* DVD
* Home Audio Equipment
* AV
   




Similar Part No. - SM7346

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM7346A SAMHOP-SM7346A Datasheet
311Kb / 19P
6 CHANNELS VOLUME CONTROLLER
More results


Similar Description - SM7346

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7448 STMICROELECTRONICS-TDA7448 Datasheet
353Kb / 13P
6 CHANNEL VOLUME CONTROLLER
Dec-2002
logo
Princeton Technology Co...
PT2258 PTC-PT2258 Datasheet
180Kb / 15P
6-Channel Electronic Volume Controller IC
logo
SamHop Microelectronics...
SM7347 SAMHOP-SM7347 Datasheet
218Kb / 15P
6 CHANNELS VOLUME CONTROLLER
logo
fujitsu semiconductor
MB87077 FUJITSU-MB87077 Datasheet
535Kb / 13P
6-bit, 4-channel Electronic Volume Controller
logo
SamHop Microelectronics...
SM7346A SAMHOP-SM7346A Datasheet
311Kb / 19P
6 CHANNELS VOLUME CONTROLLER
SM7347A SAMHOP-SM7347A Datasheet
215Kb / 15P
6 CHANNELS VOLUME CONTROLLER
logo
Princeton Technology Co...
PT2258 PTC-PT2258_07 Datasheet
228Kb / 17P
6-Channel Electronic Volume Controller IC
logo
STMicroelectronics
TDA7448 STMICROELECTRONICS-TDA7448_04 Datasheet
382Kb / 14P
6 CHANNEL VOLUME CONTROLLER
Jun-2004
AN1643 STMICROELECTRONICS-AN1643 Datasheet
187Kb / 7P
6 CH VOLUME CONTROLLER
Jan-2003
AN1656 STMICROELECTRONICS-AN1656 Datasheet
184Kb / 6P
6 CH VOLUME CONTROLLER
Feb-2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com