Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2258 Datasheet (PDF) - Princeton Technology Corp

PT2258 Datasheet PDF - Princeton Technology Corp
Part # PT2258
Download  PT2258 Download
File Size   180.11 Kbytes
Page   15 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 6-Channel Electronic Volume Controller IC

PT2258 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2258 Datasheet PDF - Princeton Technology Corp

Part # PT2258
Download  PT2258 Click to download

File Size   180.11 Kbytes
Page   15 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 6-Channel Electronic Volume Controller IC

PT2258 Datasheet (HTML) - Princeton Technology Corp


PT2258 Product details

DESCRIPTION
PT2258 is a 6-Channel Electronic Volume Controller IC utilizing CMOS Technology specially designed for the new generation of AV Multi-Channel Audio System. PT2258 provides an I2C Control Interface, an attenuation range of 0 to -79dB at 1dB/step, low noise, and high channel separation. Housed in 20 pins, DIP or SOP, PT2258’s pin assignments and application circuit are optimized for easy PCB Layout and cost saving advantages.

FEATURES
• CMOS Technology
• Low Power Consumption
• Least External Components
• Attenuation Range: 0 to -79dB at 1dB/step
• Operating Voltage: 5 to 9 V
• Low Noise, S/N Ratio>100dB (A-weighting)
• High Channel Separation
• I2C Bus Control Interface
• Selectable Address
• 6-Channel Outputs
• Available in 20 pins, DIP or SOP

APPLICATIONS
• AV Surround Audio Equipment
• Car Audio
• Mini Compo
• Computer Multi-Media Speaker
• Other Audio Equipments




Similar Part No. - PT2258

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2258 PTC-PT2258 Datasheet
228Kb / 17P
6-Channel Electronic Volume Controller IC
PT2258-S PTC-PT2258-S Datasheet
228Kb / 17P
6-Channel Electronic Volume Controller IC
PT2258-SL PTC-PT2258-SL Datasheet
228Kb / 17P
6-Channel Electronic Volume Controller IC
PT2258L PTC-PT2258L Datasheet
228Kb / 17P
6-Channel Electronic Volume Controller IC
PT2258 PTC-PT2258_07 Datasheet
228Kb / 17P
6-Channel Electronic Volume Controller IC
More results


Similar Description - PT2258

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
Electronic Volume Controller IC?
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
Electronic Volume Controller IC???
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
Electronic Volume Controller IC????
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
Electronic Volume Controller IC??????
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
Electronic Volume Controller IC
PT2258 PTC-PT2258_07 Datasheet
228Kb / 17P
6-Channel Electronic Volume Controller IC
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
Electronic Volume Controller IC
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
Electronic Volume Controller IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com