Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28055 Datasheet (PDF) - Lowpower Semiconductor inc

LP28055 Datasheet PDF - Lowpower Semiconductor inc
Part # LP28055
Download  LP28055 Download
File Size   298.67 Kbytes
Page   7 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 1A Single-chip Li-ion and Li-POL Charger

LP28055 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP28055 Datasheet PDF - Lowpower Semiconductor inc

Part # LP28055
Download  LP28055 Click to download

File Size   298.67 Kbytes
Page   7 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 1A Single-chip Li-ion and Li-POL Charger

LP28055 Datasheet (HTML) - Lowpower Semiconductor inc




Similar Part No. - LP28055

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28052A POWER-LP28052A Datasheet
461Kb / 9P
Vin Over Voltage Protection:6.5V
LP28052A-01 POWER-LP28052A-01 Datasheet
461Kb / 9P
Vin Over Voltage Protection:6.5V
LP28056 POWER-LP28056 Datasheet
477Kb / 9P
Programmable Charge Current Up to 1200mA
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
1.2A Single-chip Li-ion and Li-POL Charge
LP28056SSPF POWER-LP28056SSPF Datasheet
522Kb / 8P
1.2A Single-chip Li-ion and Li-POL Charge
More results


Similar Description - LP28055

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24083 TI-BQ24083 Datasheet
1Mb / 23P
1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
Single Cell Li-Ion and Li-Pol Battery Charger
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
Li-Ion and Li-Pol Automotive Charger
logo
Lowpower Semiconductor ...
LP28013 POWER-LP28013 Datasheet
492Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28013A POWER-LP28013A Datasheet
373Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28014 POWER-LP28014 Datasheet
296Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28019B POWER-LP28019B Datasheet
268Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28021S POWER-LP28021S Datasheet
566Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com