Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28055 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28055
Description  1A Single-chip Li-ion and Li-POL Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28055 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28055 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28055 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary Datasheet
LP28055
LP28055 – 02
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Functional Pin Description
Package Type
Pin Configurations
E S O P 8
4
3
2
1
5
6
7
8
STAT2
VIN
NTC
GND
BAT
STAT1
NC
ISET
GND
9
ESOP8
TOP VIEW
Pin Description
PIN
No.
PIN
NAME
DESCRIPTION
1
NTC
Negative Thermal Coefficient (NTC) Thermistor Pin.
2
ISET
Charge Current Program.The charge current is programmed by connecting a 1% resistor(R
ISET) to ground.
3
GND
GND is the connection to system ground.
4
VIN
VIN is the input power source. Connect to a wall adapter.
5
BAT
BAT is the connection to the battery. Typically a 10µF Tantalum capacitor is needed for stability when there is
no battery attached. When a battery is attached, only a 1uF ceramic capacitor is required.
6
STAT2
Open-Drain Charge Status Output. When the battery is charging, the STAT pin could be pulled High by an
external pull high resistor. When the charge cycle is completed, the pin is pulled Low by an internal N-channel
MOSFET.
7
STAT1
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled low by an internal
NMOS. When the charge cycle is completed, the pin could be pulled High by an external pull high resistor.
8
NC
No Connector.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com