Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL1117S50R Datasheet (PDF) - STMicroelectronics

LDL1117S50R Datasheet PDF - STMicroelectronics
Part # LDL1117S50R
Download  LDL1117S50R Download
File Size   1221.58 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.2 A high PSRR low-dropout linear voltage regulator

LDL1117S50R Datasheet (PDF)

Go To PDF Page Download Datasheet
LDL1117S50R Datasheet PDF - STMicroelectronics

Part # LDL1117S50R
Download  LDL1117S50R Click to download

File Size   1221.58 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.2 A high PSRR low-dropout linear voltage regulator

LDL1117S50R Datasheet (HTML) - STMicroelectronics


LDL1117S50R Product details

Description
The LDL1117 provides 1.2 A of maximum current with an input voltage range from 2.5 V to 18 V, and a typical dropout voltage of 350 mV @ 1.2 A. The high power supply rejection ratio of 87 dB at 120 Hz, rolling down to more than 40 dB at 100 kHz, makes the LDL1117 suitable for direct regulations in SMPS and secondary linear regulations in DC-DC converters. This device includes current limit, SOA and thermal protections. Maturity status link LDL1117 1.2 A high PSRR low-dropout linear voltage regulator LDL1117 Datasheet DS12022 - Rev 6 - April 2020 For further information contact your local STMicroelectronics sales office.

Features
■ Input voltage from 2.5 V to 18 V
■ 20 V AMR
■ Available on fixed output voltages: 1.2 V (1.185 V), 1.5 V, 1.8 V, 2.5 V, 3 V, 3.3 V, 5.0 V (other options are available on request)
■ Guaranteed output current 1.2 A
■ Typical dropout 350 mV @ 1.2 A
■ Internal thermal, current and power limitation
■ High PSRR 87 dB @ 120 Hz
■ Operating temperature range: -40 °C to 125°C

Applications
■ Consumer
■ Industrial
■ SMPS
■ Motherboard P.O.L.
■ DC-DC post-regulation




Similar Part No. - LDL1117S50R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDL112 STMICROELECTRONICS-LDL112 Datasheet
1Mb / 32P
1.2 A low quiescent current LDO with reverse current protection
28-Oct-2016
LDL112D10R STMICROELECTRONICS-LDL112D10R Datasheet
1Mb / 32P
1.2 A low quiescent current LDO with reverse current protection
28-Oct-2016
LDL112D12R STMICROELECTRONICS-LDL112D12R Datasheet
1Mb / 32P
1.2 A low quiescent current LDO with reverse current protection
28-Oct-2016
LDL112D15R STMICROELECTRONICS-LDL112D15R Datasheet
1Mb / 32P
1.2 A low quiescent current LDO with reverse current protection
28-Oct-2016
LDL112D18R STMICROELECTRONICS-LDL112D18R Datasheet
1Mb / 32P
1.2 A low quiescent current LDO with reverse current protection
28-Oct-2016
More results


Similar Description - LDL1117S50R

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2132 FOSLINK-FSP2132 Datasheet
719Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2134 FOSLINK-FSP2134 Datasheet
714Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Eutech Microelectronics...
EUP7907 EUTECH-EUP7907 Datasheet
477Kb / 13P
600mA High PSRR Low Dropout Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8069 BELLING-BL8069 Datasheet
229Kb / 7P
600mA High PSRR, Low Dropout Voltage Linear Regulator
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
500mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Analog Devices
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
logo
Infineon Technologies A...
IFX54211MB INFINEON-IFX54211MB Datasheet
1Mb / 19P
High PSRR Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-08-26
logo
AiT Semiconductor Inc.
A6110 AITSEMI-A6110 Datasheet
557Kb / 13P
LOW DROPOUT VOLTAGE REGULATOR 1A HIGH PSRR CMOS,LINEAR REGULATOR
REV1.7
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com