Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL112 Datasheet (PDF) - STMicroelectronics

LDL112 Datasheet PDF - STMicroelectronics
Part # LDL112
Download  LDL112 Download
File Size   1521.65 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.2 A low quiescent current LDO with reverse current protection

LDL112 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDL112 Datasheet PDF - STMicroelectronics

Part # LDL112
Download  LDL112 Click to download

File Size   1521.65 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.2 A low quiescent current LDO with reverse current protection

LDL112 Datasheet (HTML) - STMicroelectronics


LDL112 Product details

Description
The LDL112 is a low-dropout linear regulator, which can provide a maximum current of 1.2 A, with a typical dropout voltage of 300 mV. It is stabilized with a ceramic capacitor on the output. The very low drop voltage, low quiescent current and reverse current protection features make it suitable for low power battery-powered applications. The enable logic control function puts the LDL112 in shutdown mode allowing a total current consumption lower than 1 µA. The device is equipped with current limit and




Similar Part No. - LDL112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDL1117 STMICROELECTRONICS-LDL1117 Datasheet
1Mb / 23P
1.2 A high PSRR low-dropout linear voltage regulator
Apr-2020
LDL1117S12R STMICROELECTRONICS-LDL1117S12R Datasheet
1Mb / 23P
1.2 A high PSRR low-dropout linear voltage regulator
Apr-2020
LDL1117S15R STMICROELECTRONICS-LDL1117S15R Datasheet
1Mb / 23P
1.2 A high PSRR low-dropout linear voltage regulator
Apr-2020
LDL1117S18R STMICROELECTRONICS-LDL1117S18R Datasheet
1Mb / 23P
1.2 A high PSRR low-dropout linear voltage regulator
Apr-2020
LDL1117S25R STMICROELECTRONICS-LDL1117S25R Datasheet
1Mb / 23P
1.2 A high PSRR low-dropout linear voltage regulator
Apr-2020
More results


Similar Description - LDL112

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
Low Quiescent Current LDO
2003
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539_05 Datasheet
577Kb / 15P
1A/1.3A, LDO with Low Quiescent Current
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
Low Quiescent Current LDO
2007
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
300mA Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
Low Quiescent Current LDO
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
Low Quiescent Current LDO
08/20/13
logo
New Japan Radio
NJM2879-H NJRC-NJM2879-H Datasheet
538Kb / 17P
LDO with Reverse Current Protection / Discharge Function
Ver.1.3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com