Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL112 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LDL112
Description  1.2 A low quiescent current LDO with reverse current protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL112 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LDL112 Datasheet HTML 5Page - STMicroelectronics LDL112 Datasheet HTML 6Page - STMicroelectronics LDL112 Datasheet HTML 7Page - STMicroelectronics LDL112 Datasheet HTML 8Page - STMicroelectronics LDL112 Datasheet HTML 9Page - STMicroelectronics LDL112 Datasheet HTML 10Page - STMicroelectronics LDL112 Datasheet HTML 11Page - STMicroelectronics LDL112 Datasheet HTML 12Page - STMicroelectronics LDL112 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LDL112
Application information
DocID026319 Rev 2
9/32
6
Application information
6.1
Thermal and short-circuit protections
The LDL112 is self-protected from short-circuit condition and overtemperature. When the
output load is higher than the one supported by the device, the output current increases
until the limit of typically 2 A is reached, at this point the current is kept constant even when
the load impedance is zero.
Thermal protection acts when the junction temperature reaches 165 °C, therefore the IC
shuts down. As soon as the junction temperature falls again below the thermal hysteresis
value the device starts working again.
In order to calculate the maximum power that the device can dissipate, keeping the junction
temperature below the TOP , the following formula is used:
Equation 1
6.2
Output voltage setting for ADJ version
In the adjustable version, the output voltage can be set from 0.8 V up to the input voltage
minus the voltage drop across the pass transistor (dropout voltage), by connecting a
resistor divider between the ADJ pin and the output, thus allowing remote voltage sensing.
The resistor divider could be selected by the following equation:
Equation 2
It is recommended to use resistors with values in the rang
e of 10 kΩ to 50 kΩ. Lower
values can also be suitable, but current consumption increases.
P
DMAX = (125 - TAMB )/RTHJ A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com