Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL112 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LDL112
Description  1.2 A low quiescent current LDO with reverse current protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL112 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LDL112 Datasheet HTML 10Page - STMicroelectronics LDL112 Datasheet HTML 11Page - STMicroelectronics LDL112 Datasheet HTML 12Page - STMicroelectronics LDL112 Datasheet HTML 13Page - STMicroelectronics LDL112 Datasheet HTML 14Page - STMicroelectronics LDL112 Datasheet HTML 15Page - STMicroelectronics LDL112 Datasheet HTML 16Page - STMicroelectronics LDL112 Datasheet HTML 17Page - STMicroelectronics LDL112 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Typical performance characteristics
LDL112
14/32
DocID026319 Rev 2
Figure 23: Line transient
Figure 24: Load transient
Figure 25: Enable transient
Figure 26: Turn-on time
AM14058V1
V
IN=from3.5Vto5.5V
, V
EN=2V
, I
OUT=10mA
, V
OUT=3.3V
, C
OUT=1µF
, t
r=tf=1µs
V
OUT
V
EN
AM14059V1
VIN=VEN=4V, IOUT=from5mAto1.2A, VOUT=3.3V, tr=tf=5µs
I
OUT
V
OUT
AM14060V1
VIN=4V, VEN=0Vto2V, IOUT=1.2A, VOUT=3.3V,tr=tf=1µs
I
OUT
V
OUT
V
EN
AM14061V1
VIN=VEN=from0Vto5.5V, IOUT=5mA, VOUT=3.3V, tr=tf=5µs
V
OUT
V
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com