Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C4096A Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C4096A Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C4096A
Download  AS7C4096A Download
File Size   324.36 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5.0V 512K x 8 CMOS SRAM

AS7C4096A Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C4096A Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C4096A
Download  AS7C4096A Click to download

File Size   324.36 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5.0V 512K x 8 CMOS SRAM

AS7C4096A Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C4096A Product details

Functional description

The AS7C4096A is a high-performance CMOS 4,194,304-bit Static Random Access Memory (SRAM) device organized as 524,288 words × 8 bits. It is designed for memory applications where fast data access, low power, and simple interfacing are desired.



Features

• Pin compatible to AS7C4096

• Industrial and commercial temperature

• Organization: 524,288 words × 8 bits

• Center power and ground pins

• High speed

   - 10/12/15/20 ns address access time

   - 5/6 ns output enable access time

• Low power consumption: ACTIVE

   - 880mW/max @ 10 ns

• Low power consumption: STANDBY

- 55mW/max CMOS

• Equal access and cycle times

• Easy memory expansion with CE, OE inputs

• TTL-compatible, three-state I/O

• JEDEC standard packages

   - 400 mil 36-pin SOJ

   - 44-pin TSOP 2

• ESD protection ≥ 2000 volts

• Latch-up current ≥ 200 mA



 




Similar Part No. - AS7C4096A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
5V/3.3V 512K X8 CMOS SRAM
AS7C4096-12 ALSC-AS7C4096-12 Datasheet
246Kb / 9P
5V/3.3V 512K X8 CMOS SRAM
AS7C4096-12JC ALSC-AS7C4096-12JC Datasheet
246Kb / 9P
5V/3.3V 512K X8 CMOS SRAM
AS7C4096-12JCN ALSC-AS7C4096-12JCN Datasheet
246Kb / 9P
5V/3.3V 512K X8 CMOS SRAM
AS7C4096-12JI ALSC-AS7C4096-12JI Datasheet
246Kb / 9P
5V/3.3V 512K X8 CMOS SRAM
More results


Similar Description - AS7C4096A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S9308 AMICC-A62S9308 Datasheet
276Kb / 17P
512K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
512K x 8 SRAM
logo
List of Unclassifed Man...
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
Low Power CMOS SRAM 512K X 8 Bits
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
512K X 8-bit CMOS SRAM
logo
Maxwell Technologies
33C408 MAXWELL-33C408 Datasheet
241Kb / 12P
4 Megabit (512K x 8-Bit) CMOS SRAM
logo
Alliance Semiconductor ...
AS7C34096A ALSC-AS7C34096A Datasheet
157Kb / 9P
3.3V 512K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128_12 Datasheet
404Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
512K X 8 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com