Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7Q512 Datasheet (PDF) - Aeroflex Circuit Technology

UT7Q512 Datasheet PDF - Aeroflex Circuit Technology
Part # UT7Q512
Download  UT7Q512 Download
File Size   107.41 Kbytes
Page   16 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description 512K x 8 SRAM

UT7Q512 Datasheet (PDF)

Go To PDF Page Download Datasheet
UT7Q512 Datasheet PDF - Aeroflex Circuit Technology

Part # UT7Q512
Download  UT7Q512 Click to download

File Size   107.41 Kbytes
Page   16 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description 512K x 8 SRAM

UT7Q512 Datasheet (HTML) - Aeroflex Circuit Technology


UT7Q512 Product details

INTRODUCTION
The QCOTSTM UT7Q512 Quantified Commercial Off-theShelf product is a high-performance CMOS static RAM organized as 524,288 words by 8 bits. Easy memory expansion is provided by an active LOW Chip Enable (E), an active LOWOutput Enable (G), and three-state drivers. This device has a power-down feature that reduces power consumption by more than 90% when deselected.
   
FEATURES
❐ 100ns (5 volt supply) maximum address access time
❐ Asynchronous operation for compatibility with industry
    standard 512K x 8 SRAMs
❐ TTL compatible inputs and output levels, three-state
    bidirectional data bus
❐ Typical radiation performance
    - Total dose: 30krad(Si)
        - 30krad(Si) to 300krad(Si), depending on orbit, using
            Aeroflex UTMC patented shielded package
    - SEL Immune >80 MeV-cm2/mg
    - LETTH(0.25) = 5MeV-cm 2/mg
    - Saturated Cross Section (cm2) per bit, ~1.0E-7
        - 1.5E-8 errors/bit-day, Adams 90% geosynchronous
            heavy ion
❐ Packaging options:
    - 32-lead ceramic flatpack (weight 2.5-2.6 grams)
❐ Standard Microcircuit Drawing5962-99606
    - QML T and Q compliant
   




Similar Part No. - UT7Q512

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT70 WILLOW-UT70 Datasheet
864Kb / 2P
Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
List of Unclassifed Man...
UT70 ETC-UT70 Datasheet
158Kb / 2P
Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
logo
Aeroflex Circuit Techno...
UT700 AEROFLEX-UT700 Datasheet
369Kb / 46P
UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEA AEROFLEX-UT700E-CEA Datasheet
369Kb / 46P
UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEC AEROFLEX-UT700E-CEC Datasheet
369Kb / 46P
UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
More results


Similar Description - UT7Q512

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM564081 ETRON-EM564081 Datasheet
287Kb / 12P
512K x 8 Low Power SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
512K x 8 4Mb Asynchronous SRAM
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
512K X 8-bit CMOS SRAM
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
5.0V 512K x 8 CMOS SRAM
AS7C34096A ALSC-AS7C34096A Datasheet
157Kb / 9P
3.3V 512K x 8 CMOS SRAM
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
logo
MOSAIC
SYS8512FKX-70 MOSAIC-SYS8512FKX-70 Datasheet
60Kb / 7P
512K x 8 SRAM MODULE
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
logo
Aeroflex Circuit Techno...
UT8Q512E AEROFLEX-UT8Q512E Datasheet
198Kb / 22P
UT8Q512E 512K x 8 RadTol SRAM
UT8R512K8 AEROFLEX-UT8R512K8 Datasheet
236Kb / 23P
UT8R512K8 512K x 8 SRAM
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com