Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8R512K8 Datasheet (PDF) - Aeroflex Circuit Technology

UT8R512K8 Datasheet PDF - Aeroflex Circuit Technology
Part # UT8R512K8
Download  UT8R512K8 Download
File Size   236.71 Kbytes
Page   23 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description UT8R512K8 512K x 8 SRAM

UT8R512K8 Datasheet (PDF)

Go To PDF Page Download Datasheet
UT8R512K8 Datasheet PDF - Aeroflex Circuit Technology

Part # UT8R512K8
Download  UT8R512K8 Click to download

File Size   236.71 Kbytes
Page   23 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description UT8R512K8 512K x 8 SRAM

UT8R512K8 Datasheet (HTML) - Aeroflex Circuit Technology


UT8R512K8 Product details

INTRODUCTION

The UT8R512K8 is a high-performance CMOS static RAM organized as 524,288 words by 8 bits. Easy memory expansion is provided by active LOW and HIGH chip enables (E1, E2), an active LOW output enable (G), and three-state drivers. This device has a power-down feature that reduces power consumption by more than 90% when deselected.

Writing to the device is accomplished by taking chip enable one (E1) input LOW, chip enable two (E2) HIGH and write enable (W) input LOW. Data on the eight I/O pins (DQ0 through DQ7) is then written into the location specified on the address pins (A0 through A18). Reading from the device is accomplished by taking chip enable one (E1) and output enable (G) LOW while forcing write enable (W) and chip enable two (E2) HIGH. Under these conditions, the contents of the memory location specified by the address pins will appear on the I/O pins.



FEATURES

❐ 15ns maximum access time

❐ Asynchronous operation for compatibility with industry standard 512K x 8 SRAMs

❐ CMOS compatible inputs and output levels, three-state bidirectional data bus

   - I/O Voltage 3.3 volts, 1.8 volt core

❐ Operational environment:

   - Intrinsic total-dose: 300K rad(Si)

   - SEL Immune >100 MeV-cm2/mg

   - LETth (0.25): 53.0 MeV-cm2/mg

   - Memory Cell Saturated Cross Section 1.67E-7cm2/bit

   - Neutron Fluence: 3.0E14n/cm2

   - Dose Rate

   - Upset 1.0E9 rad(Si)/sec

   - Latchup >1.0E11 rad(Si)/sec

❐ Packaging options:

   - 36-lead ceramic flatpack (3.762 grams)

❐ Standard Microcircuit Drawing 5962-03235

   - QML Q & Vcompliant part



 




Similar Part No. - UT8R512K8

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT8R128K32 AEROFLEX-UT8R128K32 Datasheet
274Kb / 22P
UT8R128K32 128K x 32 SRAM
UT8R128K3215WCA AEROFLEX-UT8R128K3215WCA Datasheet
274Kb / 22P
UT8R128K32 128K x 32 SRAM
UT8R128K3215WCC AEROFLEX-UT8R128K3215WCC Datasheet
274Kb / 22P
UT8R128K32 128K x 32 SRAM
UT8R128K3215WCX AEROFLEX-UT8R128K3215WCX Datasheet
274Kb / 22P
UT8R128K32 128K x 32 SRAM
UT8R128K3215WPA AEROFLEX-UT8R128K3215WPA Datasheet
274Kb / 22P
UT8R128K32 128K x 32 SRAM
More results


Similar Description - UT8R512K8

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM564081 ETRON-EM564081 Datasheet
287Kb / 12P
512K x 8 Low Power SRAM
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
512K x 8 SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
512K x 8 4Mb Asynchronous SRAM
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
512K X 8-bit CMOS SRAM
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
5.0V 512K x 8 CMOS SRAM
AS7C34096A ALSC-AS7C34096A Datasheet
157Kb / 9P
3.3V 512K x 8 CMOS SRAM
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
logo
MOSAIC
SYS8512FKX-70 MOSAIC-SYS8512FKX-70 Datasheet
60Kb / 7P
512K x 8 SRAM MODULE
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
logo
Aeroflex Circuit Techno...
UT8Q512E AEROFLEX-UT8Q512E Datasheet
198Kb / 22P
UT8Q512E 512K x 8 RadTol SRAM
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com