Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8R128K32 Datasheet (PDF) - Aeroflex Circuit Technology

UT8R128K32 Datasheet PDF - Aeroflex Circuit Technology
Part # UT8R128K32
Download  UT8R128K32 Download
File Size   274.42 Kbytes
Page   22 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description UT8R128K32 128K x 32 SRAM

UT8R128K32 Datasheet (PDF)

Go To PDF Page Download Datasheet
UT8R128K32 Datasheet PDF - Aeroflex Circuit Technology

Part # UT8R128K32
Download  UT8R128K32 Click to download

File Size   274.42 Kbytes
Page   22 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description UT8R128K32 128K x 32 SRAM

UT8R128K32 Datasheet (HTML) - Aeroflex Circuit Technology


UT8R128K32 Product details

INTRODUCTION

The UT8R128K32 is a high-performance CMOS static RAM organized as 131,072 words by 32 bits. Easy memory expansion is provided by active LOW and HIGH chip enables (E1, E2), an active LOW output enable (G), and three-state drivers. This device has a power-down feature that reduces power consumption by more than 90% when deselected.



FEATURES

15ns maximum access time

Asynchronous operation, functionally compatible with industry-standard 128K x 32 SRAMs

CMOS compatible inputs and output levels, three-state bidirectional data bus

  - I/O Voltage 3.3 volts, 1.8 volt core

Radiation performance

  - Total-dose: 300 Krad(Si)

  - SEL Immune: >100 MeV-cm2/mg

  - LETth (0.25): 53.0 MeV-cm2/mg

  - Memory Cell Saturated Cross Section: 1.67E-7cm2/bit

  - Neutron Fluence: 3.0E14n/cm2

  - Dose Rate

  - Upset 1.0E9 rad(Si)/sec

  - Latchup >1.0E11 rad(Si)/sec

Packaging options:

  - 68-lead ceramic quad flatpack (9.204 grams with leadframe

Standard Microcircuit Drawing 5962-03236

  - QML compliant part




Similar Part No. - UT8R128K32

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT8R512K8 AEROFLEX-UT8R512K8 Datasheet
236Kb / 23P
UT8R512K8 512K x 8 SRAM
UT8R512K815UCA AEROFLEX-UT8R512K815UCA Datasheet
236Kb / 23P
UT8R512K8 512K x 8 SRAM
UT8R512K815UCC AEROFLEX-UT8R512K815UCC Datasheet
236Kb / 23P
UT8R512K8 512K x 8 SRAM
UT8R512K815UCX AEROFLEX-UT8R512K815UCX Datasheet
236Kb / 23P
UT8R512K8 512K x 8 SRAM
UT8R512K815UPA AEROFLEX-UT8R512K815UPA Datasheet
236Kb / 23P
UT8R512K8 512K x 8 SRAM
More results


Similar Description - UT8R128K32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K32 ETC1-WSF128K32 Datasheet
223Kb / 12P
128K x 32 SRAM/FLASH MODULE
GVT71128D32 ETC1-GVT71128D32 Datasheet
56Kb / 13P
128K X 32 SYNCHRONOUS BURST SRAM
logo
Austin Semiconductor
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
128K x 32 SRAM SRAM MEMORY ARRAY
logo
Hanbit Electronics Co.,...
HMS12832M4 HANBIT-HMS12832M4 Datasheet
196Kb / 9P
SRAM MODULE 512KByte (128K x 32-Bit)
logo
Integrated Circuit Solu...
IC61SF12832 ICSI-IC61SF12832 Datasheet
174Kb / 17P
128K x 32 Flow Through SyncBurst SRAM
IC61SP12832 ICSI-IC61SP12832 Datasheet
254Kb / 16P
128K x 32 Pipelined SyncBurst SRAM
logo
Austin Semiconductor
AS8S128K32 AUSTIN-AS8S128K32_03 Datasheet
242Kb / 12P
128K x 32 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32_05 Datasheet
247Kb / 12P
128K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC128K32 AUSTIN-AS8SLC128K32 Datasheet
138Kb / 10P
128K x 32 SRAM SRAM MEMORY ARRAY
logo
Integrated Silicon Solu...
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com