Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8953 Datasheet (PDF) - Schneider Electric

AP8953 Datasheet PDF - Schneider Electric
Part # AP8953
Download  AP8953 Download
File Size   56.5 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Rack PDU 2G, Switched, ZeroU, 32A, 230V, (21) C13 & (3) C19

AP8953 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP8953 Datasheet PDF - Schneider Electric

Part # AP8953
Download  AP8953 Click to download

File Size   56.5 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Rack PDU 2G, Switched, ZeroU, 32A, 230V, (21) C13 & (3) C19

AP8953 Datasheet (HTML) - Schneider Electric




Similar Part No. - AP8953

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
aP89010 APLUS-aP89010 Datasheet
211Kb / 18P
Standard CMOS process
AP89010 APLUS-AP89010_15 Datasheet
236Kb / 18P
APLUS INTEGRATED CIRCUITS INC
AP89021 APLUS-AP89021 Datasheet
211Kb / 18P
Standard CMOS process
AP89021 APLUS-AP89021_15 Datasheet
236Kb / 18P
APLUS INTEGRATED CIRCUITS INC
AP89042 APLUS-AP89042 Datasheet
248Kb / 19P
Standard CMOS process
More results


Similar Description - AP8953

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH32HVATNET TRIPPLITE-PDUMH32HVATNET Datasheet
515Kb / 4P
TAA-Compliant 7.4kW Single-Phase ATS/Switched PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
PDU3XVSR3G16 TRIPPLITE-PDU3XVSR3G16 Datasheet
166Kb / 4P
11kW 3-Phase Switched PDU, 220/230V (21 C13 & 3 C19), IEC-309 16A Red, 380/400V Input, 3ft Cord, 0U Vertical
PDU3XVSR6G32A TRIPPLITE-PDU3XVSR6G32A Datasheet
171Kb / 4P
22.1kW 3-Phase Switched PDU, 220/230V (12 C13 & 12 C19), IEC309 32A Red, 380/400V Input, 6ft Cord, 0U Vertical
PDUMH32HV TRIPPLITE-PDUMH32HV Datasheet
163Kb / 3P
7.4kW Single-Phase Metered PDU, 230V Outlets (2-C19, 16-C13), IEC-309 230V 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
logo
Schneider Electric
AP4424 SCHNEIDER-AP4424 Datasheet
77Kb / 2P
Rack ATS, 230V, 32A, IEC 309 in, (16) C13 (2) C19 out
08-10-2020
AP8853 SCHNEIDER-AP8853 Datasheet
64Kb / 2P
Rack PDU 2G, Metered, ZeroU, 32A, 230V,(36) C13 & (6) C19
Oct 8, 2020
AP8868 SCHNEIDER-AP8868 Datasheet
61Kb / 2P
Rack PDU 2G, Metered, ZeroU, 10.0kW, 208V,(36) C13 & (6) C19
Oct 8, 2020
AP7921B SCHNEIDER-AP7921B Datasheet
72Kb / 2P
Rack PDU, Switched, 1U, 16A, 208/230V, (8)C13
Jun 14, 2020
logo
Tripp Lite. All Rights ...
PDU3VSR10L1530 TRIPPLITE-PDU3VSR10L1530 Datasheet
167Kb / 4P
8.6 kW 3-Phase Switched PDU, 208V (21 C13 & 3 C19), L15-30P, 10ft Cord, 0U Vertical
PDU3VSR3L1530 TRIPPLITE-PDU3VSR3L1530 Datasheet
164Kb / 4P
8.6kW 3-Phase Switched PDU, 208V Outlets (21 C13 & 3 C19), L15-30P, 3ft Cord, 0U Vertical
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com