Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4424 Datasheet (PDF) - Schneider Electric

AP4424 Datasheet PDF - Schneider Electric
Part # AP4424
Download  AP4424 Download
File Size   77.74 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Rack ATS, 230V, 32A, IEC 309 in, (16) C13 (2) C19 out

AP4424 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP4424 Datasheet PDF - Schneider Electric

Part # AP4424
Download  AP4424 Click to download

File Size   77.74 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Rack ATS, 230V, 32A, IEC 309 in, (16) C13 (2) C19 out

AP4424 Datasheet (HTML) - Schneider Electric




Similar Part No. - AP4424

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4424AGM A-POWER-AP4424AGM Datasheet
99Kb / 4P
Low On-resistance, Simple Drive Requirement
AP4424AGM-HF A-POWER-AP4424AGM-HF Datasheet
103Kb / 5P
Fast Switching Characteristic
AP4424AGM A-POWER-AP4424AGM_14 Datasheet
99Kb / 4P
Simple Drive Requirement
AP4424GM A-POWER-AP4424GM Datasheet
218Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
BYCHIP ELECTRONICS CO.,...
AP4424GM BYCHIP-AP4424GM Datasheet
1Mb / 5P
N-Channel Enhancement Mode Power MOSFET
v1.0
More results


Similar Description - AP4424

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH32HVAT TRIPPLITE-PDUMH32HVAT Datasheet
516Kb / 3P
TAA-Compliant 7.4kW Single-Phase ATS/Metered PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
PDUMH32HVATNET TRIPPLITE-PDUMH32HVATNET Datasheet
515Kb / 4P
TAA-Compliant 7.4kW Single-Phase ATS/Switched PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
PDUH32HV TRIPPLITE-PDUH32HV Datasheet
160Kb / 3P
7.4kW Single-Phase 230V Basic PDU, 10 C13 Outlets, IEC 309 32A Blue Input, 3.6 m Cord, 1U Rack-Mount
PDUMH32HV TRIPPLITE-PDUMH32HV Datasheet
163Kb / 3P
7.4kW Single-Phase Metered PDU, 230V Outlets (2-C19, 16-C13), IEC-309 230V 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
PDUMH32HVNET TRIPPLITE-PDUMH32HVNET Datasheet
170Kb / 4P
7.4kW Single-Phase Switched PDU, LX Platform Interface, 230V Outlets (16-C13), IEC-309 Blue 230V 32A, 3.6m Cord, 2U Rack-Mount, TAA
PDUMNH32HV TRIPPLITE-PDUMNH32HV Datasheet
167Kb / 4P
7.4kW Single-Phase Monitored PDU with LX Platform Interface, 230V Outlets (12-C13, 4-C19), IEC-309 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
PDUMV32HV TRIPPLITE-PDUMV32HV Datasheet
163Kb / 4P
7.4kW Single-Phase Metered PDU, 230V Outlets (8 C19 and 40 C13), IEC-309 32A Blue Input, 10 ft. Cord, 0U Vertical, TAA, 70 in.
logo
Schneider Electric
AP8953 SCHNEIDER-AP8953 Datasheet
56Kb / 2P
Rack PDU 2G, Switched, ZeroU, 32A, 230V, (21) C13 & (3) C19
Oct 25, 2017
AP8853 SCHNEIDER-AP8853 Datasheet
64Kb / 2P
Rack PDU 2G, Metered, ZeroU, 32A, 230V,(36) C13 & (6) C19
Oct 8, 2020
logo
Tripp Lite. All Rights ...
PDUMNH32HVAT2 TRIPPLITE-PDUMNH32HVAT2 Datasheet
168Kb / 4P
7.4kW 200-240V Single-Phase ATS/Monitored PDU - 16 C13 & 2 C19 Outlets, Dual IEC 309 32A Blue Inputs, 3 m Cords, 2U, TAA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com