Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C33512PFS18A Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C33512PFS18A Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C33512PFS18A
Download  AS7C33512PFS18A Download
File Size   512.2 Kbytes
Page   20 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3V 512K x 18 pipeline burst synchronous SRAM

AS7C33512PFS18A Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C33512PFS18A Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C33512PFS18A
Download  AS7C33512PFS18A Click to download

File Size   512.2 Kbytes
Page   20 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3V 512K x 18 pipeline burst synchronous SRAM

AS7C33512PFS18A Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C33512PFS18A Product details

Functional description
The AS7C33512PFS16A and AS7C33512PFS18A are high performance CMOS 8-Mbit synchronous Static Random Access Memory (SRAM) devices organized as 524,288 words × 16 or 18 bits and incorporate a pipeline for highest frequency on any given technology.

Features
• Organization: 524,288 words × 16 or 18 bits
• Fast clock speeds to 166 MHz in LVTTL/LVCMOS
• Fast clock to data access: 3.5/3.8/4.0/5.0 ns
• Fast OE access time: 3.5/3.8/4.0/5.0 ns
• Fully synchronous register-to-register operation
• “Flow-through” mode
• Single-cycle deselect
    - Dual-cycle deselect also available (AS7C33512PFD16A/ AS7C33512PFD18A)
• Pentium®* compatible architecture and timing
• Asynchronous output enable control
• Economical 100-pin TQFP package
• Byte write enables
• Multiple chip enables for easy expansion
• 3.3V core power supply
• 2.5V or 3.3V I/O operation with separate VDDQ
• 30 mW typical standby power in power down mode
• NTD™* pipeline architecture available (AS7C33512NTD16A/AS7C33512NTD18A)




Similar Part No. - AS7C33512PFS18A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A-133TQC ALSC-AS7C33512PFS32A-133TQC Datasheet
541Kb / 19P
3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A-133TQCN ALSC-AS7C33512PFS32A-133TQCN Datasheet
541Kb / 19P
3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A-133TQI ALSC-AS7C33512PFS32A-133TQI Datasheet
541Kb / 19P
3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A-133TQIN ALSC-AS7C33512PFS32A-133TQIN Datasheet
541Kb / 19P
3.3V 512K x 32/36 pipelined burst synchronous SRAM
More results


Similar Description - AS7C33512PFS18A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33512NTD18A ALSC-AS7C33512NTD18A Datasheet
439Kb / 19P
3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33256PFS16A ALSC-AS7C33256PFS16A Datasheet
219Kb / 11P
3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com