Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C33512PFS18A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C33512PFS18A
Description  3.3V 512K x 18 pipeline burst synchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33512PFS18A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C33512PFS18A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
November 2004
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C33512PFS18A
3.3V 512K
× 18 pipeline burst synchronous SRAM
11/30/04;
v.2.2
Alliance Semiconductor
1 of 20
Features
• Organization: 524,288 words × 18 bits
• Fast clock speeds to 166 MHz
• Fast clock to data access: 3.5/4.0 ns
•Fast OE access time: 3.5/4.0 ns
• Fully synchronous register-to-register operation
• Single-cycle deselect
• Asynchronous output enable control
• Available in 100-pin TQFP package
• Individual byte write and global write
• Multiple chip enables for easy expansion
• 3.3V core power supply
• 2.5V or 3.3V I/O operation with separate VDDQ
• 30 mW typical standby power in power down mode
• Linear or interleaved burst control
• Snooze mode for reduced power-standby
• Common data inputs and data outputs
Selection guide
–166
–133
Units
Minimum cycle time
6
7.5
ns
Maximum clock frequency
166
133
MHz
Maximum clock access time
3.5
4
ns
Maximum operating current
475
425
mA
Maximum standby current
130
100
mA
Maximum CMOS standby current (DC)
30
30
mA
Logic block diagram
Burst logic
ADV
ADSC
ADSP
CLK
LBO
CLK
CLR
CS
19
17
19
A[18:0]
19
Address
D
Q
CS
CLK
register
512K × 18
Memory
array
18
18
DQb
CLK
DQ
Byte Write
registers
DQa
CLK
DQ
Byte Write
registers
Enable
CLK
DQ
register
Enable
CLK
DQ
delay
register
CE
Output
registers
Input
registers
Power
down
2
CE0
CE1
CE2
BWb
BWa
OE
ZZ
OE
CLK
CLK
BWE
GWE
18
DQ[a,b]


Similar Part No. - AS7C33512PFS18A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A-133TQC ALSC-AS7C33512PFS32A-133TQC Datasheet
541Kb / 19P
3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A-133TQCN ALSC-AS7C33512PFS32A-133TQCN Datasheet
541Kb / 19P
3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A-133TQI ALSC-AS7C33512PFS32A-133TQI Datasheet
541Kb / 19P
3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A-133TQIN ALSC-AS7C33512PFS32A-133TQIN Datasheet
541Kb / 19P
3.3V 512K x 32/36 pipelined burst synchronous SRAM
More results

Similar Description - AS7C33512PFS18A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33512NTD18A ALSC-AS7C33512NTD18A Datasheet
439Kb / 19P
3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33256PFS16A ALSC-AS7C33256PFS16A Datasheet
219Kb / 11P
3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com