Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C33512PFS18A Datasheet(PDF) 19 Page - Alliance Semiconductor Corporation

Part # AS7C33512PFS18A
Description  3.3V 512K x 18 pipeline burst synchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33512PFS18A Datasheet(HTML) 19 Page - Alliance Semiconductor Corporation

Back Button AS7C33512PFS18A Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 15Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 16Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 17Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 18Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 19Page - Alliance Semiconductor Corporation AS7C33512PFS18A Datasheet HTML 20Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
®
AS7C33512PFS18A
11/30/04; v.2.2
Alliance Semiconductor
19 of 20
Note: Add suffix ‘N’ with the above part number for Lead Free Parts (Ex. AS
7C33512PFS18A-166TQCN)
1.Alliance Semiconductor SRAM prefix
2.Operating voltage: 33=3.3V
3.Organization: 512=512K
4.Pipelined mode
5.Deselect: S=Single cycle deselect
6.Organization: 18=x18
7.Production version: A=first production version
8. Clock speed (MHz)
9. Package type: TQ=TQFP
10. Operating temperature: C=Commercial (0
° C to 70° C); I=Industrial (-40° C to 85° C)
11. N = Lead free part
Ordering information
Package
–166 MHz
–133 MHz
TQFP x18
AS7C33512PFS18A-166TQC
AS7C33512PFS18A-133TQC
TQFP x18
AS7C33512PFS18A-166TQI
AS7C33512PFS18A-133TQI
Part numbering guide
AS7C
33
512
PF
S
18
A
–XXX
TQ
C/I
X
1
23
4
5
67
8
9
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com