Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C34098A Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C34098A Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C34098A
Download  AS7C34098A Download
File Size   151.39 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3 V 256 K x 16 CMOS SRAM

AS7C34098A Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C34098A Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C34098A
Download  AS7C34098A Click to download

File Size   151.39 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3 V 256 K x 16 CMOS SRAM

AS7C34098A Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C34098A Product details

Functional description

The AS7C34098A is a high-performance CMOS 4,194,304-bit Static Random Access Memory (SRAM) device organized as 262,144 words × 16 bits. It is designed for memory applications where fast data access, low power, and simple interfacing are desired.

Equal address access and cycle times (tAA, tRC, tWC) of 10/12/15/20 ns with output enable access times (tOE) of 4/5/6/7 ns are ideal for high-performance applications. The chip enable input CE permits easy memory expansion with multiple-bank memory systems.



Features

• Pin compatible with AS7C34098

• Industrial and commercial temperature

• Organization: 262,144 words × 16 bits

• Center power and ground pins

• High speed

   - 10/12/15/20 ns address access time

   - 4/5/6/7 ns output enable access time

• Low power consumption: ACTIVE

   - 650 mW /max @ 10 ns

• Low power consumption: STANDBY

   - 28.8 mW /max CMOS

• Individual byte read/write controls

• Easy memory expansion with CE, OE inputs

• TTL- and CMOS-compatible, three-state I/O

• 44-pin JEDEC standard packages

   - 400-mil SOJ

   - TSOP 2

• ESD protection ≥ 2000 volts

• Latch-up current ≥ 200 mA



 




Similar Part No. - AS7C34098A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098A-8TIN ALSC-AS7C34098A-8TIN Datasheet
710Kb / 14P
fully static operation
More results


Similar Description - AS7C34098A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
4 Megabit (256 K x 16-Bit) CMOS EPROM
logo
Alliance Semiconductor ...
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
3.3 V 64K X 16 CMOS SRAM
AS7C32098A ALSC-AS7C32098A Datasheet
198Kb / 10P
3.3 V 128K x 16 CMOS SRAM
logo
List of Unclassifed Man...
M21L216128A ETC1-M21L216128A Datasheet
209Kb / 14P
128 K x 16 SRAM HIGH SPEED CMOS SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
Alliance Semiconductor ...
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
3.3 V 32K X 16 CMOS SRAM
AS7C4098A ALSC-AS7C4098A_06 Datasheet
257Kb / 11P
5.0 V 256 K 횞 16 CMOS SRAM
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
3.3 V 64K X 16 CMOS SRAM
logo
Texas Instruments
BQ4013 TI-BQ4013_07 Datasheet
164Kb / 15P
128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
STMicroelectronics
M48T35AV STMICROELECTRONICS-M48T35AV_11 Datasheet
498Kb / 29P
3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER® SRAM
June 2011 Rev 9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com