Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C31026C Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C31026C Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C31026C
Download  AS7C31026C Download
File Size   170.66 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3 V 64K X 16 CMOS SRAM

AS7C31026C Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C31026C Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C31026C
Download  AS7C31026C Click to download

File Size   170.66 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3 V 64K X 16 CMOS SRAM

AS7C31026C Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C31026C Product details

Functional description
The AS7C31026C is a 3V high-performance CMOS 1,048,576-bit Static Random Access Memory (SRAM) device organized as 65,536 words × 16 bits. It is designed for memory applications where fast data access, low power, and simple interfacing are desired.

Features
• Industrial (-40° to 85°C) temperature
• Organization: 65,536 words × 16 bits
• Center power and ground pins for low noise
• High speed
    - 10 ns address access time
    - 5 ns output enable access time
• Low power consumption via chip deselect
• Upper and Lower byte pin
• Easy memory expansion with CE, OE inputs
• TTL-compatible, three-state I/O
• JEDEC standard packaging
    - 44-pin 400 mil SOJ
    - 44-pin TSOP 2-400
    - 48-ball 6 × 8 mm BGA
• ESD protection ≥ 2000 volts




Similar Part No. - AS7C31026C

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
238Kb / 10P
5V / 3.3V 64KX16 CMOS SRAM
AS7C31026-10 ALSC-AS7C31026-10 Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10BC ALSC-AS7C31026-10BC Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10JC ALSC-AS7C31026-10JC Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
More results


Similar Description - AS7C31026C

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
Ultra Low Power 64K x 16 CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1026B ALSC-AS7C1026B Datasheet
122Kb / 10P
5 V 64K X 16 CMOS SRAM
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
3.3 V 64K X 16 CMOS SRAM
AS7C32098A ALSC-AS7C32098A Datasheet
198Kb / 10P
3.3 V 128K x 16 CMOS SRAM
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
3.3 V 256 K x 16 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
5V/3.3V 64K X 16 CMOS SRAM
AS7C1026C ALSC-AS7C1026C Datasheet
136Kb / 9P
5 V 64K X 16 CMOS SRAM
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
3.3 V 32K X 16 CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
64K X 16 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com