Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C1026A Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C1026A Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C1026A
Download  AS7C1026A Download
File Size   151.1 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V/3.3V 64K X 16 CMOS SRAM

AS7C1026A Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C1026A Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C1026A
Download  AS7C1026A Click to download

File Size   151.1 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V/3.3V 64K X 16 CMOS SRAM

AS7C1026A Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C1026A Product details

Functional description
The AS7C1026A and AS7C31026A are high-performance CMOS 1,048,576-bit Static Random Access Memory (SRAM) devices organized as 65,536 words × 16 bits. They are designed for memory applications where fast data access, low power, and simple interfacing are desired.
Equal address access and cycle times (tAA, tRC, tWC) of 10/12/15/20 ns with output enable access times (tOE) of 3/3/4/5 ns are ideal for high-performance applications.

Features
• AS7C1026A (5V version)
• AS7C31026A (3.3V version)
• Industrial and commercial versions
• Organization: 65,536 words × 16 bits
• Center power and ground pins for low noise
• High speed
    - 10/12/15/20 ns address access time
    - 3/3/4/5 ns output enable access time
• Low power consumption: ACTIVE
    - 660 mW (AS7C1026A) / max @ 10 ns
    - 324 mW (AS7C31026A) / max @ 10 ns
• Low power consumption: STANDBY
    - 55 mW (AS7C1026A) / max CMOS I/O
    - 36 mW (AS7C31026A) / max CMOS I/O
• Latest 6T 0.25u CMOS technology
• 2.0V data retention
• Easy memory expansion with CE, OE inputs
• TTL-compatible, three-state I/O
• JEDEC standard packaging
    - 44-pin 400 mil SOJ
    - 44-pin 400 mil TSOP II
    - 48-ball 6 mm × 8 mm CSP mBGA
• ESD protection ≥ 2000 volts
• Latch-up current ≥ 200 mA




Similar Part No. - AS7C1026A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1026 ALSC-AS7C1026 Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
5V / 3.3V 64KX16 CMOS SRAM
AS7C1026-12 ALSC-AS7C1026-12 Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
AS7C1026-12 ALSC-AS7C1026-12 Datasheet
238Kb / 10P
5V / 3.3V 64KX16 CMOS SRAM
AS7C1026-12BC ALSC-AS7C1026-12BC Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
More results


Similar Description - AS7C1026A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
5V/3.3V 256K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
5V/3.3V 32K x 6 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
5V 32K x 16 CMOS SRAM
AS7C1026B ALSC-AS7C1026B Datasheet
122Kb / 10P
5 V 64K X 16 CMOS SRAM
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
3.3 V 64K X 16 CMOS SRAM
AS7C1026C ALSC-AS7C1026C Datasheet
136Kb / 9P
5 V 64K X 16 CMOS SRAM
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
3.3 V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY616416 LYONTEK-LY616416 Datasheet
160Kb / 13P
5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416_1008 LYONTEK-LY616416_1008 Datasheet
167Kb / 13P
5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
5V 64K X 16 BIT HIGH SPEED CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com