Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C34098 Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C34098 Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C34098
Download  AS7C34098 Download
File Size   235.1 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V/3.3V 256K x 16 CMOS SRAM

AS7C34098 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C34098 Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C34098
Download  AS7C34098 Click to download

File Size   235.1 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V/3.3V 256K x 16 CMOS SRAM

AS7C34098 Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C34098 Product details

Functional description
The AS7C4098 and AS7C34098 are high-performance CMOS 4,194,304-bit Static Random Access Memory (SRAM) devices organized as 262,144 words × 16 bits. They are designed for memory applications where fast data access, low power, and simple interfacing are desired.
Equal address access and cycle times (tAA, tRC, tWC) of 10/12/15/20 ns with output enable access times (tOE) of 5/6/7/8 ns are ideal for high-performance applications. The chip enable input CE permits easy memory expansion with multiple-bank memory systems.

Features
• AS7C4098 (5V version)
• AS7C34098 (3.3V version)
• Industrial and commercial temperature
• Organization: 262,144 words × 16 bits
• Center power and ground pins
• High speed
   - 10/12/15/20 ns address access time
   - 5/6/7/8 ns output enable access time
• Low power consumption: ACTIVE
   - 1375 mW (AS7C4098)/max @ 12 ns
   - 576 mW (AS7C34098)/max @ 10 ns
• Low power consumption: STANDBY
   - 110 mW (AS7C4098)/max CMOS
   - 72 mW (AS7C34098)/max CMOS
• Individual byte read/write controls
• Easy memory expansion with CE, OE inputs
• TTL- and CMOS-compatible, three-state I/O
• 44-pin JEDEC standard packages
   - 400-mil SOJ
   - TSOP 2
• ESD protection ≥ 2000 volts
• Latch-up current ≥ 100 mA

 




Similar Part No. - AS7C34098

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JC ALSC-AS7C34098A-10JC Datasheet
151Kb / 10P
3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JCN ALSC-AS7C34098A-10JCN Datasheet
151Kb / 10P
3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JI ALSC-AS7C34098A-10JI Datasheet
151Kb / 10P
3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JIN ALSC-AS7C34098A-10JIN Datasheet
151Kb / 10P
3.3 V 256 K x 16 CMOS SRAM
More results


Similar Description - AS7C34098

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
5V/3.3V 32K x 6 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
5V 32K x 16 CMOS SRAM
AS7C3513B ALSC-AS7C3513B Datasheet
217Kb / 10P
3.3V 32K x 16 CMOS SRAM
AS7C32096A ALSC-AS7C32096A Datasheet
194Kb / 9P
3.3V 256K x 8 CMOS SRAM
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
3.3V 256K X 16 CMOS DRAM (EDO)
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
5V/3.3V 64K X 16 CMOS SRAM
AS7C1028 ALSC-AS7C1028 Datasheet
119Kb / 8P
5V 256K X 4 CMOS SRAM (Common I/O)
logo
Lyontek Inc.
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_13 Datasheet
362Kb / 14P
5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
5V 256K X 16 BIT HIGH SPEED CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com