Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C1028 Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C1028 Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C1028
Download  AS7C1028 Download
File Size   119.45 Kbytes
Page   8 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V 256K X 4 CMOS SRAM (Common I/O)

AS7C1028 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C1028 Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C1028
Download  AS7C1028 Click to download

File Size   119.45 Kbytes
Page   8 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V 256K X 4 CMOS SRAM (Common I/O)

AS7C1028 Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C1028 Product details

Functional description
The AS7C1028 is a 5V high-performance CMOS 1,048,576-bit Static Random-Access Memory (SRAM) device organized as 262,144 words × 4 bits. It is designed for memory applications requiring fast data access at low voltage, including PentiumTM, PowerPCTM, and portable computing. Alliance’s advanced circuit design and process techniques permit 5.0V operation without sacrificing performance or operating margins.

Features
• Industrial (-40°C to 85°C) temperature
• Organization: 262,144 words × 4 bits
• High speed
    - 12 ns address access time
    - 6 ns output enable access time
• Low power consumption via chip deselect
• One chip select plus one Output Enable pin
• Bidirectional data inputs and outputs
• TTL-compatible
• 28-pin JEDEC standard packages
    - 400 mil SOJ
• ESD protection ≥ 2000 volts




Similar Part No. - AS7C1028

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JC ALSC-AS7C1024A-10JC Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JI ALSC-AS7C1024A-10JI Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STC ALSC-AS7C1024A-10STC Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STI ALSC-AS7C1024A-10STI Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
More results


Similar Description - AS7C1028

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
5V/3.3V 256K x 16 CMOS SRAM
AS7C256A ALSC-AS7C256A Datasheet
248Kb / 9P
5V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A ALSC-AS7C3256A Datasheet
248Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8 ALSC-AS7C3256A-8 Datasheet
301Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C256B ALSC-AS7C256B Datasheet
134Kb / 8P
5V 32K X 8 CMOS SRAM (Common I/O)
AS7C1029 ALSC-AS7C1029 Datasheet
112Kb / 9P
5V 256K X 4 CMOS SRAM (Center power and ground)
logo
Lyontek Inc.
LY612568 LYONTEK-LY612568 Datasheet
153Kb / 11P
5V 256K X 8 BIT HIGH SPEED CMOS SRAM
LY612568 LYONTEK-LY612568_13 Datasheet
213Kb / 11P
5V 256K X 8 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_13 Datasheet
362Kb / 14P
5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
5V 256K X 16 BIT HIGH SPEED CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com