Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C1029 Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C1029 Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C1029
Download  AS7C1029 Download
File Size   112.57 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V 256K X 4 CMOS SRAM (Center power and ground)

AS7C1029 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C1029 Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C1029
Download  AS7C1029 Click to download

File Size   112.57 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V 256K X 4 CMOS SRAM (Center power and ground)

AS7C1029 Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C1029 Product details

Functional description
The AS7C1029 is a 5V high-performance CMOS 1,048,576-bit Static Random Access Memory (SRAM) devices organized as 262,144 x 4 bits. They are designed for memory applications where fast data access, low power, and simple interfacing are desired.

Features
• Industrial (-40°C to 85°C) temperature.
• Organization: 262,144 x 4 bits
• High speed
    - 12 ns address access time
    - 6 ns output enable access time
• Low power consumption via chip deselect
• Easy memory expansion with CE, OE inputs
• Center power and ground
• TTL/LVTTL-compatible, three-state I/O
• JEDEC-standard package
    - 32-pin, 400 mil SOJ
• ESD protection ≥ 2000 volts




Similar Part No. - AS7C1029

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JC ALSC-AS7C1024A-10JC Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JI ALSC-AS7C1024A-10JI Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STC ALSC-AS7C1024A-10STC Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STI ALSC-AS7C1024A-10STI Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
More results


Similar Description - AS7C1029

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
5V/3.3V 256K x 16 CMOS SRAM
AS7C1025B ALSC-AS7C1025B Datasheet
103Kb / 9P
5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C31025B ALSC-AS7C31025B Datasheet
99Kb / 9P
3.3V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025C ALSC-AS7C1025C Datasheet
112Kb / 9P
5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1028 ALSC-AS7C1028 Datasheet
119Kb / 8P
5V 256K X 4 CMOS SRAM (Common I/O)
AS7C31025C ALSC-AS7C31025C Datasheet
122Kb / 9P
3.3V 128K X 8 CMOS SRAM (Center power and ground)
logo
Lyontek Inc.
LY612568 LYONTEK-LY612568 Datasheet
153Kb / 11P
5V 256K X 8 BIT HIGH SPEED CMOS SRAM
LY612568 LYONTEK-LY612568_13 Datasheet
213Kb / 11P
5V 256K X 8 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_13 Datasheet
362Kb / 14P
5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
5V 256K X 16 BIT HIGH SPEED CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com