Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD352 Datasheet (PDF) - ON Semiconductor

MMBD352 Datasheet PDF - ON Semiconductor
Part # MMBD352
Download  MMBD352 Download
File Size   41.41 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Hot Carrier Mixer Diodes

MMBD352 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD352 Datasheet PDF - ON Semiconductor

Part # MMBD352
Download  MMBD352 Click to download

File Size   41.41 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Hot Carrier Mixer Diodes

MMBD352 Datasheet (HTML) - ON Semiconductor


MMBD352 Product details

Dual Hot Carrier Mixer Diodes



These devices are designed primarily for UHF mixer applications but are suitable also for use in detector and ultra−fast switching circuits.



Features

•Very Low Capacitance −Less Than 1.0 pF @ Zero V

•Low Forward Voltage −0.5 V (Typ) @ IF= 10 mA

•Pb−Free Packages are Available




Similar Part No. - MMBD352

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD352 LRC-MMBD352 Datasheet
45Kb / 2P
Dual Hot Carrier Mixer Diodes
MMBD352 LRC-MMBD352 Datasheet
48Kb / 2P
Dual Schottky Barrier Diode
logo
Pan Jit International I...
MMBD352 PANJIT-MMBD352 Datasheet
84Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD352 PANJIT-MMBD352 Datasheet
133Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
MMBD352 LUGUANG-MMBD352 Datasheet
237Kb / 2P
Dual Hot Carrier Mixer Diodes
More results


Similar Description - MMBD352

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD352LT1 LRC-MMBD352LT1 Datasheet
45Kb / 2P
Dual Hot Carrier Mixer Diodes
logo
Motorola, Inc
MMBD352LT1 MOTOROLA-MMBD352LT1 Datasheet
60Kb / 4P
Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD352LT1 ONSEMI-MMBD352LT1_06 Datasheet
93Kb / 3P
Dual Hot Carrier Mixer Diodes
September, 2006 ??Rev. 6
MMBD352LT1G ONSEMI-MMBD352LT1G_07 Datasheet
122Kb / 3P
Dual Hot Carrier Mixer Diodes
August, 2009 ??Rev. 7
logo
Shenzhen Luguang Electr...
MMBD352 LUGUANG-MMBD352 Datasheet
237Kb / 2P
Dual Hot Carrier Mixer Diodes
MMBD452 LUGUANG-MMBD452 Datasheet
241Kb / 2P
Dual Hot Carrier Mixer Diodes
logo
Diode Semiconductor Kor...
MMBD352 DSK-MMBD352 Datasheet
229Kb / 3P
Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD352LT1G ONSEMI-MMBD352LT1G Datasheet
127Kb / 3P
Dual Hot Carrier Mixer Diodes
October, 2016 ??Rev. 9
MMBD452LT1G ONSEMI-MMBD452LT1G Datasheet
123Kb / 3P
Dual Hot-Carrier Diodes
October, 2016 ??Rev. 5
logo
Shenzhen Luguang Electr...
MMBD452 LUGUANG-MMBD452_V01 Datasheet
1Mb / 2P
Dual Hot Carrier Mixer Diodes
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com