Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD352 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBD352
Description  Dual Hot Carrier Mixer Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD352 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBD352 Datasheet HTML 1Page - ON Semiconductor MMBD352 Datasheet HTML 2Page - ON Semiconductor MMBD352 Datasheet HTML 3Page - ON Semiconductor MMBD352 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBD352LT1 MMBD353LT1 MMBD354LT1 MMBD355LT1
http://onsemi.com
2
TYPICAL CHARACTERISTICS
Figure 1. Forward Voltage
VF, FORWARD VOLTAGE (VOLTS)
1.0
10
100
0.1
Figure 2. Capacitance
0.7
0.8
0.3
0.4
0.5
0.6
TA = 85°C
TA = -40°C
TA = 25°C
VR, REVERSE VOLTAGE (VOLTS)
0
1.0
0.9
0.8
0.6
0.7
1.0
2.0
3.0
4.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com