Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0A Datasheet (PDF) - STMicroelectronics

STSPIN32F0A Datasheet PDF - STMicroelectronics
Part # STSPIN32F0A
Download  STSPIN32F0A Download
File Size   943.3 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Advanced BLDC controller with embedded STM32 MCU

STSPIN32F0A Datasheet (PDF)

Go To PDF Page Download Datasheet
STSPIN32F0A Datasheet PDF - STMicroelectronics

Part # STSPIN32F0A
Download  STSPIN32F0A Click to download

File Size   943.3 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Advanced BLDC controller with embedded STM32 MCU

STSPIN32F0A Datasheet (HTML) - STMicroelectronics


STSPIN32F0A Product details

Features
■ Extended operating voltage from 6.7 to 45 V
■ Three-phase gate drivers − 600 mA sink/source − Integrated bootstrap diodes − Cross-conduction prevention
■ 32-bit ARM® Cortex®-M0 core: − Up to 48 MHz clock frequency − 4-kByte SRAM with HW parity − 32-kByte Flash memory with option bytes used for write/readout protection − Availability FW bootloader
■ 3.3. V DC/DC buck converter regulator with overcurrent, short-circuit, and thermal protection
■ 12 V LDO linear regulator with thermal protection
■ 16 general-purpose I/O ports (GPIO)
■ 5 general-purpose timers
■ 12-bit ADC converter (up to 9 channels)
■ I2C, USART and SPI interfaces
■ 3 rail-to-rail operation amplifiers for signal conditioning
■ Comparator for overcurrent protection with programmable threshold
■ Standby mode for low power consumption
■ UVLO protection on each power supply: − VM, VDD, VREG and VBOOTx
■ On-chip debug support via SWD
■ Extended temperature range: -40 to +125 °C

Applications
■ Smart manufacturing equipment
■ Power tools, FANs and pumps
■ Home appliances: vacuum cleaners, hand/hair dryers, air purifiers and coffee machines
■ High-tech applications such as: drones, gimbals, educational/home robots




Similar Part No. - STSPIN32F0A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN32F0A STMICROELECTRONICS-STSPIN32F0A Datasheet
1Mb / 15P
Compact reference design kit for robotics and automation based on STSPIN32F0A
Feb-2020
STSPIN32F0A STMICROELECTRONICS-STSPIN32F0A Datasheet
2Mb / 7P
STSPIN32F0A advanced 3-phase BLDC driver with embedded STM32 MCU single shunt evaluation board
Rev 3 - July 2021
More results


Similar Description - STSPIN32F0A

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6911 AAEON-AEC-6911 Datasheet
320Kb / 2P
Advanced Fanless Embedded Controller With Intel Atom Low Power Processor
AEC-6924 AAEON-AEC-6924 Datasheet
289Kb / 2P
Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
AEC-6930 AAEON-AEC-6930 Datasheet
273Kb / 2P
Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
logo
Omron Electronics LLC
FCM8531 OMRON-FCM8531 Datasheet
985Kb / 20P
MCU Embedded and Configurable 3-Phase PMSM / BLDC Motor Controller
logo
Melexis Microelectronic...
MLX81205 MELEXIS-MLX81205 Datasheet
463Kb / 18P
BLDC Motor Controller
logo
STMicroelectronics
STEVAL-SPIN3201 STMICROELECTRONICS-STEVAL-SPIN3201 Datasheet
235Kb / 3P
Advanced BLDC controller with embedded STM32 MCU evaluation board
27-Oct-2016
STSPIN32F0251 STMICROELECTRONICS-STSPIN32F0251 Datasheet
1Mb / 32P
Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
Rev 4 - February 2021
STSPIN32F0601 STMICROELECTRONICS-STSPIN32F0601 Datasheet
1Mb / 32P
Advanced 600 V three-phase BLDC controller with embedded STM32 MCU
Rev 5 - February 2021
STEVAL-SPIN3202 STMICROELECTRONICS-STEVAL-SPIN3202 Datasheet
2Mb / 7P
STSPIN32F0A advanced 3-phase BLDC driver with embedded STM32 MCU single shunt evaluation board
Rev 3 - July 2021
STSPIN32G4 STMICROELECTRONICS-STSPIN32G4 Datasheet
1Mb / 48P
High performance 3-phase motor controller with embedded STM32G4 MCU
Rev 1 - March 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com