Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 4 Page - STMicroelectronics

  STSPIN32F0A Datasheet HTML 1Page - STMicroelectronics STSPIN32F0A Datasheet HTML 2Page - STMicroelectronics STSPIN32F0A Datasheet HTML 3Page - STMicroelectronics STSPIN32F0A Datasheet HTML 4Page - STMicroelectronics STSPIN32F0A Datasheet HTML 5Page - STMicroelectronics STSPIN32F0A Datasheet HTML 6Page - STMicroelectronics STSPIN32F0A Datasheet HTML 7Page - STMicroelectronics STSPIN32F0A Datasheet HTML 8Page - STMicroelectronics STSPIN32F0A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
List of figures
STSPIN32F0A
4/41
DocID030766 Rev 2.0
List of figures
Figure 1: STSPIN32F0A System-In-Package block diagram .....................................................................6
Figure 2: Analog IC block diagram .............................................................................................................7
Figure 3: Gate drivers timing ....................................................................................................................14
Figure 4: STSPIN32F0A SiP pin connection (top view) ...........................................................................15
Figure 5: Gate drivers' outputs characteristics in UVLO conditions .........................................................21
Figure 6: Power-up and power-down sequence .......................................................................................22
Figure 7: DC/DC buck regulator topology.................................................................................................23
Figure 8: Soft-start timing .........................................................................................................................23
Figure 9: Linear regulator block diagram ..................................................................................................24
Figure 10: Linear regulator output characteristics ....................................................................................25
Figure 11: “Standby to normal” operation timing (CREG = 1 µF) .............................................................26
Figure 12: HSE clock source timing diagram ...........................................................................................29
Figure 13: Typical application with 8 MHz crystal.....................................................................................29
Figure 14: Operational amplifiers..............................................................................................................30
Figure 15: Comparator..............................................................................................................................31
Figure 16: Driver logic overcurrent management signals .........................................................................32
Figure 17: ESD protection strategy...........................................................................................................33
Figure 18: Application example ................................................................................................................35
Figure 19: VFQFPN48 7 x 7 x 1.0 - 48L, pitch 0.5 package outline .........................................................37
Figure 20: VFQFPN48 7 x 7 x 1.0 - 48L, pitch 0.5 - suggested footprint .................................................38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com