Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0A Datasheet(PDF) 34 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 30Page - STMicroelectronics STSPIN32F0A Datasheet HTML 31Page - STMicroelectronics STSPIN32F0A Datasheet HTML 32Page - STMicroelectronics STSPIN32F0A Datasheet HTML 33Page - STMicroelectronics STSPIN32F0A Datasheet HTML 34Page - STMicroelectronics STSPIN32F0A Datasheet HTML 35Page - STMicroelectronics STSPIN32F0A Datasheet HTML 36Page - STMicroelectronics STSPIN32F0A Datasheet HTML 37Page - STMicroelectronics STSPIN32F0A Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Application example
STSPIN32F0A
34/41
DocID030766 Rev 2.0
7
Application example
Figure 18: "Application example" shows an application example using the STSPIN32F0A
device to drive a three-phase motor with triple shunt configuration and field oriented control
algorithm. The others features implemented are:
VDD (3.3 V) power supply internally generated via DC/DC regulator
VREG12 (12 V) power supply internally generated via LDO linear regulator
USART serial interface (PB6 and PB7)
Serial wire debug ports (PA13_SWD_IO, PA14_SWD_CLK)
Ready and alarm lines (PF0, PF1)
Reset dedicated pin
Overcurrent protection using internal comparator
Current sensing using internal operational amplifiers and ADCs (PA0, PA1, PA2)
Bus voltage compensation using internal ADC (PA3)
Application temperature monitoring using internal ADC (PA4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com