Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0A Datasheet(PDF) 26 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 22Page - STMicroelectronics STSPIN32F0A Datasheet HTML 23Page - STMicroelectronics STSPIN32F0A Datasheet HTML 24Page - STMicroelectronics STSPIN32F0A Datasheet HTML 25Page - STMicroelectronics STSPIN32F0A Datasheet HTML 26Page - STMicroelectronics STSPIN32F0A Datasheet HTML 27Page - STMicroelectronics STSPIN32F0A Datasheet HTML 28Page - STMicroelectronics STSPIN32F0A Datasheet HTML 29Page - STMicroelectronics STSPIN32F0A Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Device description
STSPIN32F0A
26/41
DocID030766 Rev 2.0
Figure 11: “Standby to normal” operation timing (CREG = 1 µF)
Equation 1
��������������������������������=��������������������������������∙��������������������������������12
��������������������������������12,������������������������
6.5
Gate drivers
The STSPIN32F0A device integrates a triple half-bridge gate driver able to drive N-channel
power MOSFETs or IGBTs. The high-side section is supplied by a bootstrapped voltage
technique with an integrated bootstrap diode.
All the input lines (refer to Figure 2: "Analog IC block diagram") are connected to
a pull-
down resistor (60 kΩ typical value) to guarantee the low logic level during the device
start-up.
The high- and low-side outputs of same half-bridge cannot be simultaneously driven high
thanks to an integrated interlocking function.
All the input lines of the analog IC have an internal pull-down to guarantee the low
logic level during the device start-up and when the MCU lines are not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com