Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 7Page - STMicroelectronics STSPIN32F0A Datasheet HTML 8Page - STMicroelectronics STSPIN32F0A Datasheet HTML 9Page - STMicroelectronics STSPIN32F0A Datasheet HTML 10Page - STMicroelectronics STSPIN32F0A Datasheet HTML 11Page - STMicroelectronics STSPIN32F0A Datasheet HTML 12Page - STMicroelectronics STSPIN32F0A Datasheet HTML 13Page - STMicroelectronics STSPIN32F0A Datasheet HTML 14Page - STMicroelectronics STSPIN32F0A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
STSPIN32F0A
Electrical characteristics
DocID030766 Rev 2.0
11/41
4
Electrical characteristics
Testing conditions: VM = 15 V; VDD = 3.3 V, unless otherwise specified.
Typical values are tested at Tj = 25 °C, minimum and maximum values are guaranteed by
thermal characterization in the temperature range of -40 to 125 °C, unless otherwise
specified.
Table 5: Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Power supply and standby mode
IM
VM current consumption
VM = 45 V; VDD = 3.5 V externally
supplied
-
2
2.6
mA
Standby PF7 = '0' PF6 = '0
VM = 45 V; VDD = 3.5 V externally
supplied
-
880
1100
µA
VMOn
VM UVLO turn-on threshold
VM rising from 0 V
6.0
6.3
6.6
V
VMOff
VM UVLO turn-off threshold
VM falling from 8 V
5.8
7.1
6.4
V
VMHys
VM UVLO threshold
hysteresis
-
-
0.2
-
V
IDD
VDD current consumption
VDD = 3.5 V externally supplied (1)
-
2.5
5
mA
Standby PF7 = '0' PF6 = '0'
VDD = 3.5 V externally supplied(1)
-
2.5
5
IDDA
VDDA current consumption
VDD = 3.5 V externally supplied(1)
-
400
550
µA
Standby PF7 = '0' PF6 = '0'
VDD = 3.5 V externally supplied(1)
-
80
125
VDDOn
VDD UVLO turn-on threshold
VDD rising from 0 V
2.5
2.65
2.8
V
VDDOff
VDD UVLO turn-off threshold
VDD falling from 3.3 V
2.2
2.35
2.5
V
VDDHys
VDD UVLO threshold
hysteresis
-
-
0.3
-
V
IREG12
VREG current consumption
VREG = 13 V externally supplied,
VM = 45 V;
no commutation
-
800
1200
µA
Standby PF7 = '0' PF6 = '0'
VREG = 13 V externally supplied
-
800
1200
VREG12On
VREG12 UVLO turn-on
threshold
VREG12 rising from 0 V
6.0
6.3
6.6
V
VREG12Off
VREG12 UVLO turn-off
threshold
VREG12 falling from 8 V
5.8
6.1
6.4
V
VREG12Hys
VREG12 UVLO threshold
hysteresis
-
-
0.25
-
V
IBOOT
VBO current consumption
HS on VBO = 13 V
-
200
290
µA
VBOOn
VBO UVLO turn-on threshold
VBO rising from 0 V
5.5
5.8
6.1
V
VBOOff
VBOUVLO turn-off threshold
VBO falling from 8 V
5.3
5.6
5.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com