Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0A Datasheet(PDF) 16 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 12Page - STMicroelectronics STSPIN32F0A Datasheet HTML 13Page - STMicroelectronics STSPIN32F0A Datasheet HTML 14Page - STMicroelectronics STSPIN32F0A Datasheet HTML 15Page - STMicroelectronics STSPIN32F0A Datasheet HTML 16Page - STMicroelectronics STSPIN32F0A Datasheet HTML 17Page - STMicroelectronics STSPIN32F0A Datasheet HTML 18Page - STMicroelectronics STSPIN32F0A Datasheet HTML 19Page - STMicroelectronics STSPIN32F0A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Pin description
STSPIN32F0A
16/41
DocID030766 Rev 2.0
No.
Name
Type
Function
10
VDDA
Power
MCU analog power supply voltage
11
PA0
GPIO
MCU PA0
12
PA1
GPIO
MCU PA1
13
PA2
GPIO
MCU PA2
14
PA3
GPIO
MCU PA3
15
PA4
GPIO
MCU PA4
16
PA5
GPIO
MCU PA5
17
PA6
GPIO
MCU PA6
18
PA7
GPIO
MCU PA7
19
PB1
GPIO
MCU PB1
20
TESTMODE
Digital In
Test mode input
21
OP1O
Analog out
Op amp 1 output
22
OP1N
Analog in
Op amp 1 inverting input
23
OP1P
Analog in
Op amp 1 non-inverting input
24
OC_COMP
Analog in
Overcurrent comparator input
25
HSW
Analog out
W phase high-side driver output
26
OUTW
Power
W phase high-side (floating) common voltage
27
VBOOTW
Power
W phase bootstrap supply voltage
28
LSW
Analog out
W phase low-side driver output
29
HSV
Analog out
V phase high-side driver output
30
OUTV
Power
V phase high-side (floating) common voltage
31
VBOOTV
Power
V phase bootstrap supply voltage
32
LSV
Analog out
V phase low-side driver output
33
HSU
Analog out
U phase high-side driver output
34
OUTU
Power
U phase high-side (floating) common voltage
35
VBOOTU
Power
U phase bootstrap supply voltage
36
LSU
Analog out
U phase low-side driver output
37
PA13_SWD_IO
GPIO
MCU PA13/SWDIO (system debug data via analog IC)
38
PA14_SWD_CLK
GPIO
MCU PA14/SWDCLK (system debug clock)
39
PA15
GPIO
MCU PA15
40
PB6
GPIO
MCU PB6
41
PB7
GPIO
MCU PB7
42
BOOT0
Digital in
MCU BOOT0
43
RESERVED
-
Reserved for test mode (can be left floating in application)
44
GND
Power
Ground
45
OP3P
Analog in
Op amp 3 non-inverting input
46
OP3N
Analog in
Op amp 3 inverting input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com