Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0A Datasheet(PDF) 27 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 23Page - STMicroelectronics STSPIN32F0A Datasheet HTML 24Page - STMicroelectronics STSPIN32F0A Datasheet HTML 25Page - STMicroelectronics STSPIN32F0A Datasheet HTML 26Page - STMicroelectronics STSPIN32F0A Datasheet HTML 27Page - STMicroelectronics STSPIN32F0A Datasheet HTML 28Page - STMicroelectronics STSPIN32F0A Datasheet HTML 29Page - STMicroelectronics STSPIN32F0A Datasheet HTML 30Page - STMicroelectronics STSPIN32F0A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
STSPIN32F0A
Device description
DocID030766 Rev 2.0
27/41
6.6
Microcontroller unit
The integrated MCU is the STM32F031C6 with following main characteristics:
•
Core: ARM® 32-bit Cortex™-M0 CPU, frequency up to 48 MHz
•
Memories: 4kB of SRAM, 32 kB of Flash memory
•
CRC calculation unit
•
Up to 16 fast I/Os
•
Advanced-control timer dedicated for PWM generation
•
Up to 5 general purpose timers
•
12-bit ADC (up to 9 channels)
•
Communication interfaces: I2C, USART, SPI
•
Serial wire debug (SWD)
•
Extended temperature range: -40 to 125 °C
For more details refer to the STM32F031C6 datasheet on www.st.com
6.6.1
Memories and boot mode
The device has the following features:
•
4 Kbytes of the embedded SRAM accessed (read/write) at CPU clock speed with 0
wait states and featuring embedded parity checking with an exception generation for
fail-critical applications.
•
The non-volatile memory is divided into two arrays:
−
32 Kbytes of the embedded Flash memory for programs and data
−
Option bytes
The option bytes are used to write-protect the memory (with 4 KB granularity) and/or
readout-protect the whole memory with the following options:
•
Level 0: no readout protection
•
Level 1: memory readout protection, the Flash memory cannot be read from or written
to if either debug features are connected or the boot in the RAM is selected
•
Level 2: chip readout protection, debug features (Cortex-M0 serial wire) and the boot
in the RAM selection disabled.
At startup the BOOT0 pin and the boot selector option bit are used to select one of the
three boot options:
•
Boot from user Flash memory
•
Boot from system memory
•
Boot from embedded SRAM
The boot loader is located in the system memory. It is used to reprogram the Flash memory
by using USART on pins PA14/PA15.
The main Flash memory is aliased in the boot memory space (0x00000000), but still
accessible from its original memory space (0x08000000). In other words, the Flash
memory contents can be accessed starting from the address 0x00000000 or 0x08000000.
6.6.2
Power management
The VDD pin is the power supply for the I/Os and the internal regulator.
The VDDA pin is the power supply for the ADC, reset blocks, RCs and PLL. The VDDA
voltage can be generated through the internal DC/DC buck converter, otherwise it is
possible to provide externally the supply voltage directly on the VDDA pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com