Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0A Datasheet(PDF) 15 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 11Page - STMicroelectronics STSPIN32F0A Datasheet HTML 12Page - STMicroelectronics STSPIN32F0A Datasheet HTML 13Page - STMicroelectronics STSPIN32F0A Datasheet HTML 14Page - STMicroelectronics STSPIN32F0A Datasheet HTML 15Page - STMicroelectronics STSPIN32F0A Datasheet HTML 16Page - STMicroelectronics STSPIN32F0A Datasheet HTML 17Page - STMicroelectronics STSPIN32F0A Datasheet HTML 18Page - STMicroelectronics STSPIN32F0A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
STSPIN32F0A
Pin description
DocID030766 Rev 2.0
15/41
5
Pin description
Figure 4: STSPIN32F0A SiP pin connection (top view)
Table 6: STSPIN32F0A SiP pin description
No.
Name
Type
Function
1
OP2P
Analog in
Op amp 2 non-inverting input
2
OP2N
Analog in
Op amp 2 inverting input
3
OP2O
Analog out
Op amp 2 output
4
PF0
GPIO
MCU PF0
5
PF1
GPIO
MCU PF1
6
VREG12
Power
12 V linear regulator output
7
NRST
GPIO
MCU reset pin
8
VM
Power
Power supply voltage (bus voltage)
9
SW
Analog out
3.3 V DC/DC buck regulator switching node
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
EPAD
OP2N
OP2O
NRST
PA1
PA0
VDDA
SW
VM
VREG12
PF1
PF0
OP2P
VBOOTU
OUTU
OUTV
HSW
OUTW
VBOOTW
LSW
HSV
VBOOTV
LSV
HSU
LSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com