Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0A Datasheet(PDF) 13 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 9Page - STMicroelectronics STSPIN32F0A Datasheet HTML 10Page - STMicroelectronics STSPIN32F0A Datasheet HTML 11Page - STMicroelectronics STSPIN32F0A Datasheet HTML 12Page - STMicroelectronics STSPIN32F0A Datasheet HTML 13Page - STMicroelectronics STSPIN32F0A Datasheet HTML 14Page - STMicroelectronics STSPIN32F0A Datasheet HTML 15Page - STMicroelectronics STSPIN32F0A Datasheet HTML 16Page - STMicroelectronics STSPIN32F0A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
STSPIN32F0A
Electrical characteristics
DocID030766 Rev 2.0
13/41
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
AOL
Open loop gain
RL =
10 kΩ; Vout = 1.65
-
90
-
dB
VDD - VOH
High level output voltage
RL =
10 kΩ (7)
-
15
40
mV
VOL
Low level output voltage
RL =
10 kΩ(7)
-
15
40
mV
IOUT
Sink output current
Vout = 3.3 V; Tj = 25 °C
18
-
-
mA
Vout = 3.3 V; full temp. range
16
-
-
Source output current
Vout = 0 V; Tj = 25 °C
18
-
-
mA
Vout = 0 V; full temp. range
16
-
-
GBP
Gain bandwidth product
RL =
2 kΩ; CL = 100 pF
Vout = 1.65
10
18
-
MHz
Gain
Minimum gain for stability
Phase margin = 45°
0.2 V < Vout < VDD - 0.2
-
4
-
V/V
SR
Slew rate
RL =
2 kΩ; CL = 100 pF
Vin 1 to 2 V step
-
10
-
V/µs
OC comparator
OCth
Overcurrent threshold
PF6 = '0' PF7 = '1'
90
-
120
mV
PF6 = '1' PF7 =' 0'
235
255
275
mV
PF6 = '1' PF7 = '1'
465
505
545
mV
tCPD
Comparator propagation
delay
OCth = 0.5 V;
OC_Comp: voltage step from 0 to 1
V
-
80
120
ns
tOCdeglitch
Comparator input deglitch
filter time
(8)
35
50
-
ns
tOCrelease
Minimum overcurrent latch
release pulse width
(8)
-
-
20
ns
Thermal protection
TSD
Thermal shut-down
temperature
-
130
140
150
°C
Thys
Thermal shut-down
hysteresis
-
20
30
40
°C
Notes:
(1)The current consumption depends on the firmware loaded in the microcontroller.
(2)
Using the 47 μF capacitor (APXG250ARA470MF61G), 22 μH inductor (MLF1608C220KTA00), and diode 1N4448TR.
(3)With 11 < VM < 13 V the linear output voltage can be VREG12 or 'VM-VREG12,drop' depending on the linear regulator is
already turned-on or not.
(4)Figure 3: "Gate drivers timing".
(5) MT = max. (|ton(LVG) - toff(LVG)|, |ton(HVG) - toff(HVG)|, |toff(LVG) - ton(HVG)|, |toff(HVG) - ton(LVG)|).
(6)Guaranteed by design.
(7)Guaranteed by IOUT test.
(8) See Figure 16: "Driver logic overcurrent management signals".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com