Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0A Datasheet(PDF) 25 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 21Page - STMicroelectronics STSPIN32F0A Datasheet HTML 22Page - STMicroelectronics STSPIN32F0A Datasheet HTML 23Page - STMicroelectronics STSPIN32F0A Datasheet HTML 24Page - STMicroelectronics STSPIN32F0A Datasheet HTML 25Page - STMicroelectronics STSPIN32F0A Datasheet HTML 26Page - STMicroelectronics STSPIN32F0A Datasheet HTML 27Page - STMicroelectronics STSPIN32F0A Datasheet HTML 28Page - STMicroelectronics STSPIN32F0A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
STSPIN32F0A
Device description
DocID030766 Rev 2.0
25/41
Figure 10: Linear regulator output characteristics
The linear regulator is designed to supply the internal circuitry only and must not
be used to supply external components.
6.4
Standby mode
The device is forced into the standby mode to reduce power consumption forcing both the
OC_TH_STBY1 and OC_TH_STBY2 analog IC inputs low (see Table 12: "OC threshold
values").
When the standby mode is set the analog IC is put into the low consumption mode after
a tsleep time, in particular:
•
The linear regulator is switched off
•
All the output drivers are forced low (external power switches turned off)
•
Op amps and comparators disabled
•
The DC/DC regulator remains operative.
When the device exits from the standby mode a set time is necessary to recover a proper
value of the 12 V internal regulator. This set time is strictly dependent by the capacitor
connected on the VREG12 pin and can be calculated with Equation 1.
VM
[V]
VREG12
[V]
t
t
7.5
7.2
13
45
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com