Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0A Datasheet(PDF) 21 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 17Page - STMicroelectronics STSPIN32F0A Datasheet HTML 18Page - STMicroelectronics STSPIN32F0A Datasheet HTML 19Page - STMicroelectronics STSPIN32F0A Datasheet HTML 20Page - STMicroelectronics STSPIN32F0A Datasheet HTML 21Page - STMicroelectronics STSPIN32F0A Datasheet HTML 22Page - STMicroelectronics STSPIN32F0A Datasheet HTML 23Page - STMicroelectronics STSPIN32F0A Datasheet HTML 24Page - STMicroelectronics STSPIN32F0A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
STSPIN32F0A
Device description
DocID030766 Rev 2.0
21/41
6
Device description
The STSPIN32F0A is a System-In-Package providing an integrated solution suitable for
driving the three-phase BLDC motors. The device will be developed in the BCD8s (0.18
µm) technology.
6.1
UVLO and thermal protections
Table 9: "UVLO and OT protection management" summarizes the UVLO and OT protection
management.
Table 9: UVLO and OT protection management
Block
VM UVLO
VDD
UVLO
VREG12
UVLO
VBOOT
UVLO
Lin. Reg
OT
DC/DC Reg
OT
DC/DC regulator
-
-
-
-
-
OFF
Linear regulator
OFF
OFF
-
-
OFF
-
Op amps and OC comp
OFF
OFF
-
-
-
-
HSU, HSV, HSW output
LOW
LOW
LOW (1)
LOW(1), (2)
-
-
LSU, LSV, LSW output
LOW
LOW
LOW(1)
-
-
-
Notes:
(1)The N-channel of the gate driver is turned ON with all the available supply voltage, refer to Figure 5: "Gate drivers' outputs
characteristics in UVLO conditions".
(2)Only the high-side gate driver in which the UVLO condition is detected (e.g. UVLO on VBOOTU causes the HSU turning off).
Figure 5: Gate drivers' outputs characteristics in UVLO conditions
0
50
100
150
200
250
300
350
400
450
500
550
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VLVG/HVG (V)
Vcc = 1 V
Vcc = 2 V
Vcc = 3 V
Vcc = 4 V
Vcc = VREG for LS rails
Vcc = VBOOT -VOUT for HS rails
Vcc = 0 V
ILVG/HVG
(mA)
Vcc = 6 to 12 V
Vcc = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com