Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0A Datasheet(PDF) 23 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 19Page - STMicroelectronics STSPIN32F0A Datasheet HTML 20Page - STMicroelectronics STSPIN32F0A Datasheet HTML 21Page - STMicroelectronics STSPIN32F0A Datasheet HTML 22Page - STMicroelectronics STSPIN32F0A Datasheet HTML 23Page - STMicroelectronics STSPIN32F0A Datasheet HTML 24Page - STMicroelectronics STSPIN32F0A Datasheet HTML 25Page - STMicroelectronics STSPIN32F0A Datasheet HTML 26Page - STMicroelectronics STSPIN32F0A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
STSPIN32F0A
Device description
DocID030766 Rev 2.0
23/41
If the failure event occurs on the regulator output (VDDA pin) and the voltage goes below
the UVLO threshold (VDDOff), the regulator restarts with a new soft-start sequence until the
OC condition is removed. In this case the current in the coil is limited by ISW.peak.
The DC/DC regulator embeds a thermal protection as described in Section 6.1.2: "Thermal
protection".
Figure 7: DC/DC buck regulator topology
Figure 8: Soft-start timing
6.2.1
External optional 3.3 V supply voltage
It is possible provide externally the 3.3 V supply voltage directly on the VDDA pin. In this
case, there are two possible configurations:
1.
The SW pin floating or shorted to VM: in this case the internal power switch of the
DC/DC converter continues to switch on/off according to the internal clock
2.
The SW pin shorted to GND or VDD: in this case the internal power switch detects a
short-circuit and it is latched off.
Co ntrol
DC/DC buck conv.
3.3 V
VM
VM
VM
VDDA
SW
To MCU
C VDDA
LSW
AM039986
t [ms]
tSS
VDDA [V]
4.5
3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com