Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0A Datasheet(PDF) 12 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 8Page - STMicroelectronics STSPIN32F0A Datasheet HTML 9Page - STMicroelectronics STSPIN32F0A Datasheet HTML 10Page - STMicroelectronics STSPIN32F0A Datasheet HTML 11Page - STMicroelectronics STSPIN32F0A Datasheet HTML 12Page - STMicroelectronics STSPIN32F0A Datasheet HTML 13Page - STMicroelectronics STSPIN32F0A Datasheet HTML 14Page - STMicroelectronics STSPIN32F0A Datasheet HTML 15Page - STMicroelectronics STSPIN32F0A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Electrical characteristics
STSPIN32F0A
12/41
DocID030766 Rev 2.0
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VBOHys
VBO UVLO threshold
hysteresis
-
-
0.15
-
V
tsleep
Standby set time
-
-
-
1
µs
DC/DC switching regulator
VPWR_OK
Power good voltage
-
5.6
6
6.4
V
VDDA
Average output voltage
(2)
3.09
3.3
3.5
V
IDDA
Output current
DC; MCU current consumption
included
-
-
70
mA
fSW
Maximum SW switching
frequency
Open loop, VDDA floating
ISW = 100 mA
-
200
330
kHz
RSWDS(ON)
Switch ON resistance
ISW = 200 mA
-
1.4
-
Ω
η
Efficiency
VM = 8 V; IDDA = IDDA,max(2)
-
80
-
%
ISW,peak
Peak current threshold
-
-
320
-
mA
IOVC
Latched overcurrent
threshold
-
-
1
-
A
tSS
Soft-start time
-
2.5
5
7.5
ms
Linear regulator
VREG12
Linear regulator output and
gate driver supply voltage
VM = 13 ÷ 45 V (3)
IO = 10 mA
11.4
12
12.6
V
VREG12,drop
Drop voltage
VM = 8 ÷ 11 V, IO = 10 mA
-
200
400
mV
IREG12,lim
Linear regulator current limit
VM = 13 V
20
-
40
mA
Gate drivers
ISI
ISO
Maximum sink/source
current capabilities
TJ = 25 °C
400
600
-
mA
Full temperature range
350
-
-
mA
RPDin
Input lines pull-down resistor
-
30
60
95
kΩ
ton
toff
Input-to-output propagation
delay (4)
-
-
20
40
ns
MT
Delay matching, HS and LS
turn-on/off (5)
-
-
10
20
ns
RDS_diode
Bootstrap diode ON
resistance
-
-
120
240
Ω
Operational amplifiers
Vicm
Input common mode voltage
range
-
-0.1
-
VDD + 0.1
V
VOPio
Input offset voltage
Vout = 1.65; Tj = 25 °C
-
1
6
mV
Vout = 1.65; full temp. range
-
-
7
mV
IOPio
Input offset current
Vout = 1.65 (6)
-
-
100
pA
IOPib
Input bias current
(6)
-
-
100
pA
CMRR
Common mode rejection
ratio
0 to 3.3 V; Vout = 1.65 V
70
90
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com