Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0A Datasheet(PDF) 22 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STSPIN32F0A Datasheet HTML 18Page - STMicroelectronics STSPIN32F0A Datasheet HTML 19Page - STMicroelectronics STSPIN32F0A Datasheet HTML 20Page - STMicroelectronics STSPIN32F0A Datasheet HTML 21Page - STMicroelectronics STSPIN32F0A Datasheet HTML 22Page - STMicroelectronics STSPIN32F0A Datasheet HTML 23Page - STMicroelectronics STSPIN32F0A Datasheet HTML 24Page - STMicroelectronics STSPIN32F0A Datasheet HTML 25Page - STMicroelectronics STSPIN32F0A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Device description
STSPIN32F0A
22/41
DocID030766 Rev 2.0
6.1.1
UVLO on supply voltages
The STSPIN32F0A device provides UVLO protections on all power supplies.
The device enters into the undervoltage condition when the power supply voltage falls
below the off threshold voltage and expires when the motor supply voltage goes over the
on threshold voltage.
Table 9: "UVLO and OT protection management" shows the UVLO protection
management: which blocks are switched off after an UVLO event.
Figure 6: Power-up and power-down sequence
6.1.2
Thermal protection
The device embeds an overtemperature shut-down protection. The thermal sensors are
placed next to the DC/DC and linear regulator blocks.
When the OT protection is triggered the correspondent block is switched off, the thermal
shut-down condition only expires when the temperature goes below the “TSD - Thys”
temperature (auto-restart).
Table 9: "UVLO and OT protection management" shows the thermal protection
management which blocks are switched off after an overtemperature event.
6.2
DC/DC buck regulator
The internal DC/DC buck converter provides the 3.3 V supply voltage suitable to supply the
MCU and other external devices.
The regulator operates in the discontinuous current mode (DCM).
A soft-start function with fixed start-up time is implemented to minimize the inrush current at
the start-up, refer to Figure 8: "Soft-start timing".
An overcurrent and short-circuit protection is provided.
If the failure event occurs on the SW pin and the IOVC threshold is reached the regulator is
latched off. To restart the DC/DC regulator a power-down and power-up cycle of device
supply voltage (VM) is mandatory.
VM
VDD
VREG
VMOn
VDDOn
PWR_OK
tss
13 V typ.
PWR_OK
The DC/DC Reg
stops to work
The actualVDD voltage falls to 0V
discharging the output capacitan ce
The Lin Reg
stops to work
The actualVREG voltage falls to 0V
discharging the output capacitan ce



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com