Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2042A Datasheet (PDF) - Alliance Semiconductor Corporation

L2042A Datasheet PDF - Alliance Semiconductor Corporation
Part # L2042A
Download  L2042A Download
File Size   428.97 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 2.5V LCD Panel Reduction IC

L2042A Datasheet (PDF)

Go To PDF Page Download Datasheet
L2042A Datasheet PDF - Alliance Semiconductor Corporation

Part # L2042A
Download  L2042A Click to download

File Size   428.97 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 2.5V LCD Panel Reduction IC

L2042A Datasheet (HTML) - Alliance Semiconductor Corporation


L2042A Product details

Product Description
The L2042A is a versatile spread spectrum frequency modulator designed specifically for digital falt panel applications. The L2042A reduces electromagnetic interference (EMI) at the clock source, allowing system wide reduction of EMI of down stream clock and data dependent signals. The L2042A allows significant system cost savings by reducing the number of circuit board layers ferrite beads, shielding and other passive components that are traditionally required to pass EMI regulations.

Features
▪ FCC approved method of EMI attenuation.
▪ Provides up to 15dB of EMI suppression.
▪ Generates a low EMI spread spectrum clock of the
    input frequency.
▪ Input frequency range: 30MHz to 75 MHz.
▪ Optimized for 32.5MHz, 54MHz, and 65MHz.
▪ Internal loop filter minimizes external components
    and board space.
▪ Selectable spread deviation.
▪ SSON# control pin for spread spectrum enable
    and disable options.
▪ Low cycle-to-cycle jitter.
▪ 2.5V or 3.3V operating voltage range.
▪ TTL or CMOS compatible outputs.
▪ Ultra-low power CMOS design.
▪ Supports most mobile graphic accelerator and
    LCD timing controller specifications.
▪ Available in 8-pin SOIC and TSSOP.
   
Applications
    The L2042A is targeted towards digital flat panel
    applications for Notebook PCs, Palm -size PCs, office
    automation equipment, and LCD monitors.
   




Similar Part No. - L2042A

ManufacturerPart #DatasheetDescription
logo
C&K Components
L204 CK-COMPONENTS-L204 Datasheet
329Kb / 6P
Miniature Slide Switches
L204 CK-COMPONENTS-L204 Datasheet
783Kb / 6P
Miniature Slide Switches
19 Mar 2019
logo
List of Unclassifed Man...
L2040 ETC2-L2040 Datasheet
70Kb / 2P
STANDARD AND CUSTOM
logo
Unisonic Technologies
L2044 UTC-L2044 Datasheet
101Kb / 3P
DUAL OUTPUT FLASHER
L2044 UTC-L2044 Datasheet
157Kb / 3P
DUAL OUTPUT FLASHER
More results


Similar Description - L2042A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2042A ALSC-P2042A Datasheet
353Kb / 8P
LCD Panel EMI Reduction IC
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
LCD Panel EMI Reduction IC
P2040A ALSC-P2040A Datasheet
354Kb / 9P
LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
LCD Panel EMI Reduction IC
P2040A PULSECORE-P2040A Datasheet
356Kb / 9P
LCD Panel EMI Reduction IC
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
LCD Panel EMI Reduction IC
P2040C PULSECORE-P2040C Datasheet
160Kb / 9P
LCD Panel EMI Reduction IC
P2042A PULSECORE-P2042A Datasheet
354Kb / 8P
LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com