Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SII141B Datasheet (PDF) - List of Unclassifed Manufacturers

SII141B Datasheet PDF - List of Unclassifed Manufacturers
Part # SII141B
Download  SII141B Download
File Size   84.83 Kbytes
Page   12 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description SiI 141B PanelLink Digital Receiver

SII141B Datasheet (PDF)

Go To PDF Page Download Datasheet
SII141B Datasheet PDF - List of Unclassifed Manufacturers

Part # SII141B
Download  SII141B Click to download

File Size   84.83 Kbytes
Page   12 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description SiI 141B PanelLink Digital Receiver

SII141B Datasheet (HTML) - List of Unclassifed Manufacturers


SII141B Product details

[Silicon Image, Inc.]

General Description
The SiI 141B uses PanelLink Digital technology to support displays ranging from VGA to High Refresh XGA (25-86 MHz), which is ideal for LCD desktop monitor applications. With a flexible single or dual pixel out interface and selectable output drive, the SiI 141B receiver supports up to true color panels (24 bit/pixel, 16.7M colors) in 1 pixel/clock mode (18 bit/pixel in 2 pixel/clock mode). PanelLink also features an inter-pair skew tolerance up to 1 full input clock cycle. The SiI 141B is pin for pin compatible with the SiI 141 but incorporates a number of enhancements. These include an improved jitter tolerant PLL design, new HSYNC filter and power down when the clock is inactive. All PanelLink products are designed on a scaleable CMOS architecture to support future performance requirements while maintaining the same logical interface. System designers can be assured that the interface will be fixed through a number of technology and performance generations.

Features
• Scaleable Bandwidth: 25-86 MHz (VGA to High Refresh XGA)
• Low Power: 3.3V core operation & power-down mode
• Automatic power down when clock is inactive
• High Skew Tolerance: 1 full input clock cycle (15ns at 65 MHz)
• Pin-compatible with SiI 101, SiI 141
• Sync Detect: for Plug & Display “Hot Plugging”
• Cable Distance Support: over 5m with twisted-pair, fiber-optics ready
• Compliant with DVI 1.0 (DVI is backwards compatible with VESA® P&DTM and DFP)




Similar Part No. - SII141B

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SII145S12 SIRECTIFIER-SII145S12 Datasheet
629Kb / 2P
SPT IGBT Modules
More results


Similar Description - SII141B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SII161A ETC-SII161A Datasheet
260Kb / 22P
SiI 161A PanelLink Receiver
logo
Silicon image
SII9011 SILICONIMAGE-SII9011 Datasheet
230Kb / 2P
PanelLink Receiver
SII9021 SILICONIMAGE-SII9021 Datasheet
237Kb / 2P
PanelLink Receiver
SII9031 SILICONIMAGE-SII9031 Datasheet
170Kb / 2P
PanelLink Receiver
SII9993-35-IP SILICONIMAGE-SII9993-35-IP Datasheet
158Kb / 2P
PanelLink Receiver
1364ADD2 SILICONIMAGE-1364ADD2 Datasheet
2Mb / 2P
Featuring the SiI 1364 PanelLink Transmitter
SII1169 SILICONIMAGE-SII1169 Datasheet
207Kb / 2P
PanelLink Receiver
SII1151 SILICONIMAGE-SII1151 Datasheet
357Kb / 44P
PanelLink Receiver
SII1161 SILICONIMAGE-SII1161 Datasheet
378Kb / 46P
PanelLink Receiver
SII164CTG64 SILICONIMAGE-SII164CTG64 Datasheet
316Kb / 34P
SiI 164 PanelLink Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com