Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR1N60A Datasheet (PDF) - Inchange Semiconductor Company Limited

IRFR1N60A Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRFR1N60A
Download  IRFR1N60A Download
File Size   333.46 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description iscN-Channel MOSFET Transistor

IRFR1N60A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR1N60A Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRFR1N60A
Download  IRFR1N60A Click to download

File Size   333.46 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description iscN-Channel MOSFET Transistor

IRFR1N60A Datasheet (HTML) - Inchange Semiconductor Company Limited


IRFR1N60A Product details

• DESCRITION
• Switching Voltage Regulators

• FEATURES
• Low drain-source on-resistance:
   RDS(ON) =7Ω (MAX)
• Enhancement mode:
   Vth = 2.0 to 4.0V (VDS = 10 V, ID=0.25mA)
• 100% avalanche tested
• Minimum Lot-to-Lot variations for robust device
   performance and reliable operation




Similar Part No. - IRFR1N60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR1N60A IRF-IRFR1N60A Datasheet
227Kb / 9P
Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)
IRFR1N60A IRF-IRFR1N60A Datasheet
181Kb / 10P
SMPS MOSFET
logo
Vishay Siliconix
IRFR1N60A VISHAY-IRFR1N60A Datasheet
156Kb / 8P
Power MOSFET
21-Jul-08
logo
Kersemi Electronic Co.,...
IRFR1N60A KERSEMI-IRFR1N60A Datasheet
2Mb / 7P
Power MOSFET
logo
Lucky Light Electronic
IRFR1N60A LUCKY-LIGHT-IRFR1N60A Datasheet
2Mb / 7P
Power MOSFET
More results


Similar Description - IRFR1N60A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ITK13A65U ISC-ITK13A65U Datasheet
288Kb / 2P
iscN-Channel MOSFET Transistor
ITK16A60W ISC-ITK16A60W Datasheet
289Kb / 2P
iscN-Channel MOSFET Transistor
TK60J25D ISC-TK60J25D Datasheet
326Kb / 2P
iscN-Channel MOSFET Transistor
TK8A45D ISC-TK8A45D Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
TK12A55D ISC-TK12A55D Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
TK12A65D ISC-TK12A65D Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
TK15J50D ISC-TK15J50D Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
2SK4013 ISC-2SK4013 Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
2SK4207 ISC-2SK4207 Datasheet
326Kb / 2P
iscN-Channel MOSFET Transistor
IRFB9N65A ISC-IRFB9N65A Datasheet
329Kb / 2P
iscN-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com