Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR1N60A Datasheet (PDF) - International Rectifier

IRFR1N60A Datasheet PDF - International Rectifier
Part # IRFR1N60A
Download  IRFR1N60A Download
File Size   227.69 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)

IRFR1N60A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR1N60A Datasheet PDF - International Rectifier

Part # IRFR1N60A
Download  IRFR1N60A Click to download

File Size   227.69 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)

IRFR1N60A Datasheet (HTML) - International Rectifier


IRFR1N60A Product details

Benefits
• Low Gate Charge Qg results in Simple Drive Requirement
• Improved Gate, Avalanche and dynamic dv/dt Ruggedness
• Fully Characterized Capacitance and Avalanche Voltage and Current

Applications
• Switch Mode Power Supply (SMPS)
• Uninterruptable Power Supply
• Power Factor Correction




Similar Part No. - IRFR1N60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR1N60A IRF-IRFR1N60A Datasheet
181Kb / 10P
SMPS MOSFET
logo
Vishay Siliconix
IRFR1N60A VISHAY-IRFR1N60A Datasheet
156Kb / 8P
Power MOSFET
21-Jul-08
logo
Kersemi Electronic Co.,...
IRFR1N60A KERSEMI-IRFR1N60A Datasheet
2Mb / 7P
Power MOSFET
logo
Lucky Light Electronic
IRFR1N60A LUCKY-LIGHT-IRFR1N60A Datasheet
2Mb / 7P
Power MOSFET
logo
Inchange Semiconductor ...
IRFR1N60A ISC-IRFR1N60A Datasheet
333Kb / 2P
iscN-Channel MOSFET Transistor
More results


Similar Description - IRFR1N60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBC30A IRF-IRFBC30A Datasheet
101Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30AS IRF-IRFBC30AS Datasheet
147Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC40A IRF-IRFBC40A Datasheet
97Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBC40AS IRF-IRFBC40AS Datasheet
111Kb / 9P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBG20 IRF-IRFBG20 Datasheet
169Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)
IRFIB6N60A IRF-IRFIB6N60A Datasheet
149Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=0.75ohm, Id=5.5A)
IRFIBE20G IRF-IRFIBE20G Datasheet
168Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.4A)
IRFPC48 IRF-IRFPC48 Datasheet
214Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.82ohm, Id=8.9A)
IRFPC50A IRF-IRFPC50A Datasheet
95Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=0.58ohm, Id=11A)
IRFRU9310 IRF-IRFRU9310 Datasheet
116Kb / 10P
Power MOSFET(Vdss=-400V, Rds(on)=7.0ohm, Id=-1.8A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com