Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBG20 Datasheet (PDF) - International Rectifier

IRFBG20 Datasheet PDF - International Rectifier
Part # IRFBG20
Download  IRFBG20 Download
File Size   169.58 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)

IRFBG20 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFBG20 Datasheet PDF - International Rectifier

Part # IRFBG20
Download  IRFBG20 Click to download

File Size   169.58 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)

IRFBG20 Datasheet (HTML) - International Rectifier


IRFBG20 Product details

HEXFET® Power MOSFET

• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements




Similar Part No. - IRFBG20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBG20 VISHAY-IRFBG20 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
IRFBG20 VISHAY-IRFBG20 Datasheet
517Kb / 9P
Power MOSFET
02-May-16
logo
Inchange Semiconductor ...
IRFBG20 ISC-IRFBG20 Datasheet
328Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFBG20 VISHAY-IRFBG20 Datasheet
384Kb / 9P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRFBG20PBF IRF-IRFBG20PBF Datasheet
637Kb / 8P
HEXFET짰 Power MOSFET
More results


Similar Description - IRFBG20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBG30 IRF-IRFBG30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=5.0ohm, Id=3.1A)
IRFIBE20G IRF-IRFIBE20G Datasheet
168Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.4A)
IRFPG30 IRF-IRFPG30 Datasheet
168Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=5.0ohm, Id=3.1A)
IRFPG40 IRF-IRFPG40 Datasheet
167Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)
IRFPG50 IRF-IRFPG50 Datasheet
211Kb / 8P
Power MOSFET(Vdss=1000V, Rds(on)=2.0ohm, Id=6.1A)
IRFR1N60A IRF-IRFR1N60A Datasheet
227Kb / 9P
Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44N IRF-IRFZ44N Datasheet
100Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
IRFPG40PBF IRF-IRFPG40PBF Datasheet
866Kb / 8P
HEXFET POWER MOSFET ( VDSS = 1000V , RDS(on) = 3.5廓 , ID = 4.3A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com