Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFZ24NS Datasheet (PDF) - International Rectifier

IRFZ24NS Datasheet PDF - International Rectifier
Part # IRFZ24NS
Download  IRFZ24NS Download
File Size   159.21 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)

IRFZ24NS Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFZ24NS Datasheet PDF - International Rectifier

Part # IRFZ24NS
Download  IRFZ24NS Click to download

File Size   159.21 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)

IRFZ24NS Datasheet (HTML) - International Rectifier


IRFZ24NS Product details

Description

Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.



• Advanced Process Technology

• Surface Mount (IRFZ24NS)

• Low-profile through-hole (IRFZ24NL)

• 175°C Operating Temperature

• Fast Switching

• Fully Avalanche Rated



 




Similar Part No. - IRFZ24NS

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
IRFZ24NS TEL-IRFZ24NS Datasheet
159Kb / 2P
Power MOSFET
logo
International Rectifier
IRFZ24NS IRF-IRFZ24NS Datasheet
169Kb / 11P
Advanced Process Technology
logo
VBsemi Electronics Co.,...
IRFZ24NS VBSEMI-IRFZ24NS Datasheet
2Mb / 9P
N-Channel 60 V (D-S) MOSFET
logo
International Rectifier
IRFZ24NSPBF IRF-IRFZ24NSPBF Datasheet
670Kb / 10P
HEXFET Power MOSFET
IRFZ24NSPBF IRF-IRFZ24NSPBF Datasheet
680Kb / 11P
Advanced Process Technology
More results


Similar Description - IRFZ24NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3315 IRF-IRF3315 Datasheet
124Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)=0.07ohm, Id=27A)
IRF530N IRF-IRF530N Datasheet
212Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=90mohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFIZ24N IRF-IRFIZ24N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFRU024N IRF-IRFRU024N Datasheet
178Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A??
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com